công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB12 bảng dữ liệu(PDF) 71 Page - Microchip Technology

tên linh kiện MCP47CVB12
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB12 bảng dữ liệu(HTML) 71 Page - Microchip Technology

Back Button MCP47CVB12 Datasheet HTML 67Page - Microchip Technology MCP47CVB12 Datasheet HTML 68Page - Microchip Technology MCP47CVB12 Datasheet HTML 69Page - Microchip Technology MCP47CVB12 Datasheet HTML 70Page - Microchip Technology MCP47CVB12 Datasheet HTML 71Page - Microchip Technology MCP47CVB12 Datasheet HTML 72Page - Microchip Technology MCP47CVB12 Datasheet HTML 73Page - Microchip Technology MCP47CVB12 Datasheet HTML 74Page - Microchip Technology MCP47CVB12 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 71
MCP47CXBXX
6.10
Entering High-Speed (HS) Mode
The I2C specification requires that a High-Speed mode
device be ‘activated’ to operate in High-Speed
(3.4 Mbit/s) mode. This is done by the Master sending
a special address byte following the Start bit. This byte
is referred to as the High-Speed Master Mode Code
(HSMMC).
The device can now communicate at up to 3.4 Mbit/s
on SDA and SCL lines. The device will switch out of the
HS mode on the next Stop condition.
The Master code is sent as follows:
1.
Start condition (S).
2.
High-Speed Master Mode Code (‘0000 1xxx’);
the ‘xxx’ bits are unique to the High-Speed (HS)
Master mode.
3.
No Acknowledge (A).
After switching to High-Speed mode, the next trans-
ferred byte is the I2C control byte, which specifies the
device to communicate with and any number of data
bytes plus Acknowledgments. The Master device can
then either issue a Repeated Start bit to address a
different device (at High-Speed mode) or a Stop bit to
return to the bus Fast/Standard Speed mode. After the
Stop bit, any other Master device (in a Multi-Master
system) can arbitrate for the I2C bus.
The MCP47CXBXX device does not Acknowledge the
HS select byte. However, upon receiving this
command, the device switches to HS mode.
See Figure 6-3 for an illustration of the HS mode
command sequence.
For more information on the HS mode, or other I2C
modes, refer to the “NXP I2C Specification”.
FIGURE 6-3:
HS Mode Sequence.
SA
‘0000 1xxx’b’
Sr
A
Slave Address
A/A
Data
P
S = Start bit
Sr = Repeated Start bit
A = Acknowledge bit
A = Not Acknowledge bit
R/W = Read/Write bit
R/W
P = Stop bit (Stop condition terminates HS mode)
F/S Mode
HS Mode
HS Mode Continues
F/S Mode
A
Slave Address R/W
HS Select Byte
Control Byte
Command/Data Byte(s)
Control Byte
Sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com