| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP47CVB12 bảng dữ liệu(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47CVB12 bảng dữ liệu(HTML) 70 Page - Microchip Technology |
|
70 / 124 page ![]() MCP47CXBXX DS20006089B-page 70 2018-2019 Microchip Technology Inc. 6.7 Device I2C Slave Addressing The address byte is the first byte received following the Start (or Repeated Start) condition from the Master device (see Figure 6-2). For nonvolatile devices, the seven bits of the I2C Slave address are user-programmable. The default address is ‘110 0000’. If the address pins are present on the specific package, the lower two bits of the address are determined by the state of the A1 and A0 pins. For volatile devices (MCP47CVBXX), the I2C Slave address bits, A6:A0, are fixed (‘110 0000’). The user still has Slave address programmability with the A1:A0 address pins (if available on the package). FIGURE 6-2: Slave Address Bits in the I2C Control Byte. Table 6-1 shows the four standard orderable I2C Slave addresses and their respective device order codes. 6.7.1 CUSTOM I2C SLAVE ADDRESS OPTIONS Custom I2C Slave address options can be requested. Users can request the custom I2C Slave address via the Nonstandard Customer Authorization Request (NSCAR) process. 6.8 Slope Control The slope control on the SDA output is different between the Fast/Standard Speed and the High-Speed Clock modes of the interface. 6.9 Pulse Gobbler The pulse gobbler on the SCL pin is automatically adjusted to suppress spikes <10 ns during HS mode. Note: Address bits, A6:A0, are MTP and can be programmed during the user’s manufacturing flow. Start Bit Read/Write Bit Address Byte R/W ACK Acknowledge Bit Slave Address A6 A5 A4 A3 Slave Address (7 bits) A2 A1 A0 11 0 0 00 0 Default Factory Address (Note 1) Note 1: Address bits (A6:A0) can be programmed by the user (MCP47CMBXX devices). Bits A1 and A0 are determined by either the MTP bits or the A0 and A1 pin values if present on the package. TABLE 6-1: I2C ADDRESS/ORDER CODE Default 7-Bit I2C Address Device Order Code(1) Memory Tape and Reel VOL NV ‘1100000’ MCP47CXBXX-E/XX Y Y N MCP47CXBXXT-E/XX Y Y Y Note 1: Nonvolatile devices’ I2C Slave address can be reprogrammed by the end user. Note: Non-Recurring Engineering (NRE) charges and minimum ordering requirements for custom orders. Please contact Microchip sales for additional information. A custom device will be assigned custom device marking. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |