công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB12 bảng dữ liệu(PDF) 69 Page - Microchip Technology

tên linh kiện MCP47CVB12
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB12 bảng dữ liệu(HTML) 69 Page - Microchip Technology

Back Button MCP47CVB12 Datasheet HTML 65Page - Microchip Technology MCP47CVB12 Datasheet HTML 66Page - Microchip Technology MCP47CVB12 Datasheet HTML 67Page - Microchip Technology MCP47CVB12 Datasheet HTML 68Page - Microchip Technology MCP47CVB12 Datasheet HTML 69Page - Microchip Technology MCP47CVB12 Datasheet HTML 70Page - Microchip Technology MCP47CVB12 Datasheet HTML 71Page - Microchip Technology MCP47CVB12 Datasheet HTML 72Page - Microchip Technology MCP47CVB12 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 69
MCP47CXBXX
6.0
I2C SERIAL INTERFACE
MODULE
The MCP47CXBXX’s I2C serial interface module
supports the I2C serial protocol specification. This I2C
interface is a two-wire interface (clock and data).
Figure 6-1 shows a typical I2C interface connection.
The I2C specification only defines the field types,
lengths, timings, etc., of a frame. The frame content
defines the behavior of the device. The frame content
(commands) for the MCP47CXBXX is defined in
Section 7.0 “Device Commands”.
An overview of the I2C protocol is available in
Appendix B: “I2C Serial Interface”.
FIGURE 6-1:
Typical I2C Interface.
6.1
Overview
This section discusses some of the specific character-
istics of the MCP47CXBXX devices’ I2C serial interface
module. This is to assist in the development of your
application.
The following sections discuss some of these
device-specific characteristics.
• Interface Pins (SCL and SDA)
• Communication Data Rates
• POR/BOR
• Device Memory Address
• General Call Commands
• Device I2C Slave Addressing
• Slope Control
6.1.1
INTERFACE PINS (SCL AND SDA)
The MCP47CXBXX I2C module SCL pin does not
generate the serial clock since the device operates in
Slave mode. Also, the MCP47CXBXX will not stretch
the clock signal (SCL) since memory read access
occurs fast enough.
The MCP47CXBXX I2C module implements slope
control on the SDA pin output driver.
6.2
Communication Data Rates
The I2C interface specifies different communication bit
rates. These are referred to as Standard, Fast or High-
Speed modes. The MCP47CXBXX supports these
three modes. The clock rates (bit rate) of these modes
are:
• Standard mode: Up to 100 kHz (kbit/s)
• Fast mode: Up to 400 kHz (kbit/s)
• High-Speed mode (HS mode): Up to 3.4 MHz
(Mbit/s)
A description on how to enter High-Speed mode is
described in Section 6.8 “Slope Control”.
6.3
POR/BOR
On a POR/BOR event, the I2C serial interface module
state machine is reset, which includes forcing the
device’s Memory Address Pointer to 00h.
6.4
Device Memory Address
The memory address is the 5-bit value that specifies
the location in the device’s memory that the specified
command will operate on.
On a POR/BOR event, the device’s Memory Address
Pointer is forced to 00h.
The MCP47CXBXX retains the last received “Device
Memory Address”. That is, the MCP47CXBXX does not
“corrupt” the “device memory address” after Repeated
Start or Stop conditions.
6.5
General Call Commands
The general call commands utilize the I2C specification
reserved general call command address and command
codes. The MCP47CXBXX also implements a
nonstandard general call command.
The general call commands are:
• General Call Reset
• General Call Wake-up (MCP47CXBXX defined)
The general call wake-up command will cause all the
MCP47CXBXX devices to exit their power-down state.
6.6
Multi-Master Systems
The MCP47CXBXX is not a Master device (generates
the interface clock), but it can be used in Multi-Master
applications.
SCL
SCL
MCP47CVBXX
SDA
SDA
Host
Controller
Typical I2C Interface Connections
Other Devices
(Master)
(Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com