công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB12 bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP47CVB12
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB12 bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP47CVB12 Datasheet HTML 2Page - Microchip Technology MCP47CVB12 Datasheet HTML 3Page - Microchip Technology MCP47CVB12 Datasheet HTML 4Page - Microchip Technology MCP47CVB12 Datasheet HTML 5Page - Microchip Technology MCP47CVB12 Datasheet HTML 6Page - Microchip Technology MCP47CVB12 Datasheet HTML 7Page - Microchip Technology MCP47CVB12 Datasheet HTML 8Page - Microchip Technology MCP47CVB12 Datasheet HTML 9Page - Microchip Technology MCP47CVB12 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
MCP47CXBXX
DS20006089B-page 6
 2018-2019 Microchip Technology Inc.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V, RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD =5.5V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
2.7
—
5.5
V
1.8
—
2.7
V
DAC operation (reduced analog
specifications) and serial interface
VDD Voltage
(rising) to Ensure Device
Power-on Reset
VPOR
—
—
1.75
V
RAM retention voltage: (VRAM)< VPOR,
VDD voltages greater than the VPOR limit
ensure that the device is out of Reset
VDD Voltage
(falling) to Ensure Device
Brown-out Reset
VBOR
VRAM
—
1.61
V
RAM retention voltage: (VRAM)< VBOR
VDD Rise Rate to Ensure
Power-on Reset
VDDRR
Note 3
V/ms
Power-on Reset to
Output-Driven Delay(2)
TPOR2OD
——
130
µs
VDD rising, VDD >VPOR, single output
——
145
µs
VDD rising, VDD >VPOR, dual output
Note 2
This parameter is ensured by characterization.
Note 3
POR/BOR voltage trip point is not slope-dependent. Hysteresis implemented with time delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com