công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P372KSS20 bảng dữ liệu(PDF) 95 Page - ELAN Microelectronics Corp

tên linh kiện EM78P372KSS20
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 bảng dữ liệu(HTML) 95 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 91Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 92Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 93Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 94Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 95Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 96Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 97Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 98Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 99Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 87
(This specification is subject to change without prior notice)
Bit 7 (LVDIE): Low voltage Detector interrupt enable bit.
0 : Disable Low voltage Detector interrupt
1 : Enable Low voltage Detector interrupt
When detect low level voltage state is used to enter an interrupt vector
or enter next instruction, the LVDIE bit must be set
to “Enable”.
Bit 6 (LVDEN): Low Voltage Detector Enable bit
0 : Low voltage detector disable
1 : Low voltage detector enable
Bits 5~4 (LVD1:0): Low Voltage Detector level bits.
LVDEN
LVD1, LVD0
LVD voltage Interrupt Level
/LVD
1
11
Vdd
≤ 2.2V
0
Vdd > 2.2V
1
1
10
Vdd
≤ 3.3V
0
Vdd > 3.3V
1
1
01
Vdd
≤ 4.0V
0
Vdd > 4.0V
1
1
00
Vdd
≤ 4.5V
0
Vdd > 4.5V
1
0
××
NA
1
7.14.2.2
Bank 0 RE (Interrupt Status 2 and Wake-up Control
Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
/LVD
LVDIF
ADIF
CMPIF
ADWE
CMPWE
ICWE
LVDWE
NOTE
■ RE < 6, 5, 4 > can be cleared by instruction but cannot be set.
■ IOCE0 is the interrupt mask register.
■ Reading RE will result to "Logic AND" of RE and IOCE0.
Bit 7 (/LVD):
Low voltage Detector state. This is a read only bit. When the VDD pin
voltage is lower than LVD voltage interrupt level (selected by LVD1 and
LVD0), this bit will be cleared.
0 : Low voltage is detected.
1 : Low voltage is not detected or LVD function is disabled.
Bit 6 (LVDIF): Low Voltage Detector Interrupt flag
LVDIF reset to
“0” by software or hardware.
Bit 0 (LVDWE): Low Voltage Detect wake-up enable bit.
0 : Disable Low Voltage Detect wake-up.
1 : Enable Low Voltage Detect wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com