công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P372KSS20 bảng dữ liệu(PDF) 78 Page - ELAN Microelectronics Corp

tên linh kiện EM78P372KSS20
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 bảng dữ liệu(HTML) 78 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 82Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
EM78P372K
8-bit Microcontroller
70
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
7.9.3
Programming the Related Registers
When defining TMRX, refer to the operation of its related registers as shown in the
following table. It must be noted that the PWMX bits must be disabled if their related
TMRXs are utilized. That is, Bit 7 ~ Bit 3 of the
PWMCON register must be set to “0”.
 Related Control Registers of TMR1 and TMR2
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x07
PWMCON/R7
IPWM2
E
IPWM1
E
“0”
“0”
“0”
PWMCAS PWM2E PWM1E
0x08
TMRCON/R8
T2EN T1EN T2P2
T2P1
T2P0
T1P2
T1P1
T1P0
7.9.4
Timer Programming Process/Steps
1.
Load PRDX with the Timer duration
2.
Enable interrupt function by writing IOCF0, if required
3.
Load a desired value for the TMRX prescaler, enable TMRX and disable PWMX
7.9.5
PWM Cascade Mode
The PWM Cascade Mode merges two 8-bit PWM function into one 16-bit. In this mode,
the necessary parameters are redefined as shown on the table below:
Parameter
16-bit PWM
DT (Duty)
PRD (Period)
TMR (Timer)
MSB (15~8)
DT2
PRD2
TMR2
LSB (7~0)
DT1
PRD1
TMR1
The prescaler of this 16-bit PWM uses the prescaler of the TMR1. The MSB of TMR is
counted when LSB carry and the PWM1IF bit/PWM1 pins are redefined as the PWMIF
bit/PWM pin (or PWM1 pin).
Data Bus
Data Bus
PRD
TMR
S
R
Q
MUX
Duty Cycle
Match
Period
Match
PWM
(PWM1)
T1P2 T1P1T1P0 T1EN
IOC51,2
To PWMIF
(PWM1IF)
reset
latch
Fosc
DT
DL
1:2
1:4
1:8
1:64
1:1
1:16
1:128
1:256
16-bit Comparator
16-bit Comparator
Figure 7-27 16-Bit PWM Functional Block Diagram (Merged from Two 8 Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com