| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P372KSS20 bảng dữ liệu(PDF) 71 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P372KSS20 bảng dữ liệu(HTML) 71 Page - ELAN Microelectronics Corp |
|
71 / 118 page ![]() EM78P372K 8-bit Microcontroller Product Specification (V1.4) 05.11.2016 63 (This specification is subject to change without prior notice) PWM and /PWM (inverted PWM) can be used individually or used as dual PWM. When used individually, the definitions of active level between PWM and /PWM are somewhat different. For example, set period and duty cycle (period > duty), PWMXE=1/0 and IPWMXE=0/1, PWMXA = 1/0, /PWMXA=1/0, and finally set TXEN = 1. The following figures show PWM output timing according to different PWMXA and /PWMXA settings. Period Period-duty PWMX /PWMX Duty PWMXE=1 & IPWMXE=0 PWMXE=0 & IPWMXE=1 Figure 7-15 PWM Output Timing (PWMXA=0 and /PWMXA=0) Period Period-duty PWMX /PWMX Duty PWMXE=1 & IPWMXE=0 PWMXE=0 & IPWMXE=1 Figure 7-16 PWM Output Timing (PWMXA=0 and /PWMXA=1) Period Period-duty PWMX /PWMX Duty PWMXE=1 & IPWMXE=0 PWMXE=0 & IPWMXE=1 Figure 7-17 PWM Output Timing (PWMXA=1 and /PWMXA=0) |