công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P372KSS20 bảng dữ liệu(PDF) 80 Page - ELAN Microelectronics Corp

tên linh kiện EM78P372KSS20
Giải thích chi tiết về linh kiện  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 bảng dữ liệu(HTML) 80 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 83Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 84Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
EM78P372K
8-bit Microcontroller
72
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
The following figure shows the Comparator Output block diagram.
Q
Q
EN
EN
D
D
To C0
To CPIF
To CMPOUT
CMRD
CMRD
From other
comparator
RESET
From OP I/O
Figure 7-29 Comparator Output Configuration
7.10.3
Using Comparator as an Operation Amplifier
The comparator can be used as an operation amplifier if a feedback resistor is
externally connected from the input to the output. In this case, the Schmitt trigger
function can be disabled for power saving purposes, by setting Bit 4, Bit 3 <COS1,
COS0> of the IOC80 register to <1,1>. See table under Section 6.2.4, IOC80
(Comparator and TCCA Control Registers) for Comparator/OP select bits function
description.
NOTE
Under Operation Amplifier:
■ The CMPIE (IOCE0.4), CMPWE (RE.2), and CMPIF (RE.4) bits are invalid.
■ The comparator interrupt is invalid.
■ The comparator wake-up is invalid.
7.10.4
Comparator Interrupt
CMPIE (IOCE0.4) must be enabled for the
“ENI” instruction to take effect
Interrupt is triggered whenever a change occurs on the comparator output pin
The actual change on the pin can be determined by reading the Bit CMPOUT,
IOC80<5>.
CMPIF (RE.4), the comparator interrupt flag, can only be cleared by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com