công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32G071C8 bảng dữ liệu(PDF) 36 Page - STMicroelectronics

tên linh kiện STM32G071C8
Giải thích chi tiết về linh kiện  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 bảng dữ liệu(HTML) 36 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 32Page - STMicroelectronics STM32G071C8 Datasheet HTML 33Page - STMicroelectronics STM32G071C8 Datasheet HTML 34Page - STMicroelectronics STM32G071C8 Datasheet HTML 35Page - STMicroelectronics STM32G071C8 Datasheet HTML 36Page - STMicroelectronics STM32G071C8 Datasheet HTML 37Page - STMicroelectronics STM32G071C8 Datasheet HTML 38Page - STMicroelectronics STM32G071C8 Datasheet HTML 39Page - STMicroelectronics STM32G071C8 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
Pinouts, pin description and alternate functions
STM32G071x8/xB
36/133
DS12232 Rev 3
4
Pinouts, pin description and alternate functions
The devices housed in packages with 48 or more pins provide 2-port USB-C Power
Delivery. The devices housed in 32-pin packages come in two variants - “GP” with a single-
port limited USB-C Power Delivery and “PD” with 2-port USB-C Power Delivery.
Figure 3. STM32G071RxT LQFP64 pinout
MSv39710V3
PC11
PC12
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
VBAT
VREF+
VDD/VDDA
VSS/VSSA
PF2-NRST
PF0-OSC_IN
PF1-OSC_OUT
PC0
PC1
PC2
PC3
PC8
PA15
PA14-BOOT0
PA13
PA12 [PA10]
PA11 [PA9]
PA10
PD9
PD8
PC7
PC6
PA9
PA8
PB15
PB14
PB13
Top view
LQFP64
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
48
46
45
44
43
42
41
40
39
38
37
36
35
34
33
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More