| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G071C8 bảng dữ liệu(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G071C8 bảng dữ liệu(HTML) 102 Page - STMicroelectronics |
|
102 / 133 page ![]() Electrical characteristics STM32G071x8/xB 102/133 DS12232 Rev 3 Figure 27. SPI timing diagram - slave mode and CPHA = 0 Figure 28. SPI timing diagram - slave mode and CPHA = 1 1. Measurement points are done at CMOS levels: 0.3 VDD and 0.7 VDD. th(SO) Slave data output hold time -5 - - ns th(MO) Master data output hold time -1 - - ns 1. Based on characterization results, not tested in production. Table 70. SPI characteristics(1) (continued) Symbol Parameter Conditions Min Typ Max Unit MSv41658V1 NSS input CPHA=0 CPOL=0 CPHA=0 CPOL=1 MISO output MOSI input tsu(SI) th(SI) tw(SCKL) tw(SCKH) tc(SCK) tr(SCK) th(NSS) tdis(SO) tsu(NSS) ta(SO) tv(SO) Next bits IN Last bit OUT First bit IN First bit OUT Next bits OUT th(SO) tf(SCK) Last bit IN MSv41659V1 NSS input CPHA=1 CPOL=0 CPHA=1 CPOL=1 MISO output MOSI input tsu(SI) th(SI) tw(SCKL) tw(SCKH) tsu(NSS) tc(SCK) ta(SO) tv(SO) First bit OUT Next bits OUT Next bits IN Last bit OUT th(SO) tr(SCK) tf(SCK) th(NSS) tdis(SO) First bit IN Last bit IN |