| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MXT1664T3-C2TESSQTP bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-C2TESSQTP bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 10 2018 Microchip Technology Inc. C2 COMMSEL I VddIO Communications Interface Selection; see Section 7.1 “Host Communication Mode Selection – COMMSEL Pin” – C3 AVDD P – Analog power – C4 NC – – No connection – C5 NC – – No connection – C6 NC – – No connection – C7 NC – – No connection – C8 NC – – No connection – C9 NC – – No connection – C10 Y48 S AVdd Y line connection Leave open C11 Y44 S AVdd Y line connection Leave open C12 Y40 S AVdd Y line connection Leave open C13 Y37 S AVdd Y line connection Leave open C14 GND P – Ground – C15 X28 S XVdd X matrix drive line Leave open C16 X29 S XVdd X matrix drive line Leave open C17 X30 S XVdd X matrix drive line Leave open C18 X31 S XVdd X matrix drive line Leave open C19 NC – – No connection – D1 I2CMODE I VddIO I2C Mode: Selects I2C mode; see Section 7.2 “I2C Mode Selection – I2CMODE Pin” – D2 NOISE_IN I VddIO Noise present input Connect to GND D3 GND P – Ground – D4 GND P – Ground – D5 NC – – No connection – D6 NC – – No connection – D7 NC – – No connection – D8 NC – – No connection – D9 Y51 S AVdd Y line connection Leave open D10 Y47 S AVdd Y line connection Leave open D11 Y43 S AVdd Y line connection Leave open D12 Y39 S AVdd Y line connection Leave open D13 Y36 S AVdd Y line connection Leave open D14 XVDD P – X line drive power – D15 X23 S XVdd X matrix drive line Leave open D16 X24 S XVdd X matrix drive line Leave open D17 X25 S XVdd X matrix drive line Leave open D18 X26 S XVdd X matrix drive line Leave open D19 X27 S XVdd X matrix drive line Leave open E1 CHG OD VddIO Change line interrupt. This line is briefly set (~100 ms) as an input after power-up or reset for diagnostic purposes – TABLE 2: PIN LISTING – 162-BALL UFBGA (CONTINUED) Ball Name Type Supply Description If Unused... |