công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2TESSQTP bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện MXT1664T3-C2TESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 51
10.4.1.1
Command and Response Packets
The command packet has the generic format given in Figure 10-3. The following sections give examples on using the
command to write to the memory map and to read from the memory map.
FIGURE 10-3:
READ/WRITE MEMORY MAP – COMMAND PACKET FORM
In Figure 10-3:
• Rpt ID is the USB report ID used for Object Protocol commands and responses (see Table 10-3 on page 50).
• Command ID is the command ID for the write/read operation (0x51)
• NumWx is the number of data bytes to write to the memory map (may be zero). If the address pointer is being
sent, this must include the size of the address pointer.
• NumRx is the number of data bytes to read from the memory map (may be zero).
• Addr 0 and Addr 1 form the address pointer to the memory map (where necessary; may be zero if not needed).
This is typically an address of an object within the device.
• Data 0 to Data 57 are the bytes of data to be written (in the case of a write). Note that data locations beyond the
number specified by NumWx will be ignored.
The response packet has the generic format given in Figure 10-4.
FIGURE 10-4:
READ/WRITE MEMORY MAP – RESPONSE PACKET FORMAT
In Figure 10-4:
• Status indicates the result of the command:
- 0x00 = read and write completed; read data returned
- 0x04 = write completed; no read data requested
• NumRx is the number of bytes following that have been read from the memory map (in the case of a read). This
will be the same value as NumRx in the command packet.
• Data 0 to Data 60 are the data bytes read from the memory map.
10.4.1.2
Writing To the Device
A write operation cycle to the device consists of sending a packet that contains six header bytes (see Section 10.4.1.1
“Command and Response Packets”). These specify the USB report ID, the Command ID, the number of bytes to read,
the number of bytes to write, and the 16-bit address pointer.
Subsequent bytes in a multibyte transfer form the actual data. These are written to the location of the address pointer,
location of the address pointer +1, location of the address pointer + 2, and so on.
Figure 10-5 shows an example command packet to write four bytes of data to contiguous addresses starting at 0x1234.
FIGURE 10-5:
EXAMPLE OF A FOUR-BYTE WRITE STARTING AT ADDRESS 0x1234
Write Data
(58 Bytes)
Data 57
Data 0
...
0x51
NumWx
Address Pointer
(LSByte, MSByte)
Number of Bytes
to Read/Write
NumRx
Addr 0
Addr 1
Rpt ID
Command
ID
Read Data
(61 Bytes)
Data 60
Rpt ID
Status
Number of
Bytes Read
Success/
Failure
NumRx
Data 0
...
Write Data
(4 Bytes)
0x51
0x06
Number
of Bytes
to Write
0x00
0x34
0x12
0x96
0x9B
0xA0
0xA5
Address Pointer
(LSByte, MSByte)
Number
of Bytes
to Read
Command
ID
Rpt ID
Unused Bytes
(54 bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com