công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2TESSQTP bảng dữ liệu(PDF) 26 Page - Microchip Technology

tên linh kiện MXT1664T3-C2TESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP bảng dữ liệu(HTML) 26 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 26
 2018 Microchip Technology Inc.
5.0
POWER-UP / RESET REQUIREMENTS
5.1
Power-on Reset
There is an internal Power-on Reset (POR) in the device.
If an external reset is to be used the device must be held in RESET (active low) while the digital (Vdd), analog (AVdd)
and digital I/O (VddIO) power supplies are powering up. The supplies must have reached their nominal values before
the RESET signal is deasserted (that is, goes high). This is shown in Figure 5-1. See Section 14.2 “Recommended
Operating Conditions” for nominal values for the power supplies to the device.
FIGURE 5-1:
POWER SEQUENCING ON THE MXT1664T3
When using a boosted external XVdd power supply, Vdd must be applied to the device before the external XVdd supply
to ensure that the different power domains in the device are initialized correctly. Typically this can be done by connecting
the enable pin of the Switched-Mode Power Supply (SMPS) supplying XVdd to a 10 k
 pull-up resistor connected to
the Vdd, but the XVdd can be controlled separately by the host, if required.
If XVdd is not boosted, XVdd can be connected directly to Vdd to supply 3.3 V, in which case the two supplies can be
brought up together.
It is recommended that customer designs include the capability for the host to control all the maXTouch power supplies
and pull the RESET line low.
After power-up, the device typically takes 79 ms before it is ready to start communications.
If the RESET line is released before the AVdd or external XVDD supply has reached its nominal voltage (see Figure 5-2
on page 27), then some additional operations need to be carried out by the host. There are two options open to the host
controller:
• Start the part in deep sleep mode and then send the command sequence to set the cycle time to wake the part
and allow it to run normally. Note that in this case a calibration command is also needed.
• Send a RESET command.
CAUTION!
XVdd must not be grounded when Vdd is active as damage to the device may result.
> 0 ns
≥ 0 ns
Note:
When using external
at power-up, VddIO must not be enabled after Vdd.
1)
RESET
RESET
(VddIO)
Vdd
AVdd
> 90 ns
VddIO
2) If Xvdd is powered from an external supply (not connected to Vdd),
should
XVdd
b
must obey the
ication.
e powered up after Vdd and
rate-of-rise specif
If XVdd is
(3.3V),
connected directly to Vdd
the two supplies can be brought up together.
Xvdd
(External)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com