công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7000 bảng dữ liệu(PDF) 62 Page - ams AG

tên linh kiện AS7000
Giải thích chi tiết về linh kiện  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 bảng dữ liệu(HTML) 62 Page - ams AG

Back Button AS7000 Datasheet HTML 58Page - ams AG AS7000 Datasheet HTML 59Page - ams AG AS7000 Datasheet HTML 60Page - ams AG AS7000 Datasheet HTML 61Page - ams AG AS7000 Datasheet HTML 62Page - ams AG AS7000 Datasheet HTML 63Page - ams AG AS7000 Datasheet HTML 64Page - ams AG AS7000 Datasheet HTML 65Page - ams AG AS7000 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Page 62
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
For operation of the sequencer the 16MHz oscillator is required,
therefore the sequencer only operates in active or wait for
interrupt mode.
Clock Control Unit (CCU) for Peripheral Blocks
All peripheral block have a reset bit and a clock enable bit. The
purpose of these register bits is to disable clock to them when
they are not used and therefore reduce power consumption.
Note(s): Access to the register is not possible if the clock to the
peripheral is disabled or reset is asserted.
e.g. to access any register of AFE (like optical analog front end)
set the register bits afe_resetn=1 and afe_enable=1.
Wake-Up From Power Down Mode
Figure 72:
Wake-Up Logic From Power Down Mode
CPU
LDO
VDD
POR
GPIO8
GPIO7
S
R
Q
V_LDO
gpio7_wakeup_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92