công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7000 bảng dữ liệu(PDF) 56 Page - ams AG

tên linh kiện AS7000
Giải thích chi tiết về linh kiện  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS7000 bảng dữ liệu(HTML) 56 Page - ams AG

Back Button AS7000 Datasheet HTML 52Page - ams AG AS7000 Datasheet HTML 53Page - ams AG AS7000 Datasheet HTML 54Page - ams AG AS7000 Datasheet HTML 55Page - ams AG AS7000 Datasheet HTML 56Page - ams AG AS7000 Datasheet HTML 57Page - ams AG AS7000 Datasheet HTML 58Page - ams AG AS7000 Datasheet HTML 59Page - ams AG AS7000 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-12] 2018-Feb-26
AS7000 − Detailed Description
ADC Registers
Figure 69:
AFE_ADC_DATA
The ADC_DATA register shows the current raw output of the
ADC.
Figure 70:
AFE_ADC_CFG
0x88: AFE_ADC_DATA
Field
Name
Rst
Type
Description
13:0
adc_data
0
RO
Current ADC output signals
0xa4: AFE_ADC_CFG
Field
Name
Rst
Type
Description
21
adc_selfpd
1
RW
1…Power down ADC when not converting; use this to
conserve power, but set adc_settling_time to minimum
64μs to permit settling of the ADC reference buffer.
0 … Always enabled ADC
20
adc_discharge
1
RW
0…Suppress ADC capacitor discharging
1…Discharge ADC capacitor before tracking
If asserted, the capacitor is discharged before the tracking
phase. If zero, the discharge phase is suppressed and the
tracking phase is started one cycle earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92