| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
98ASH70169A bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70169A bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 36 page ![]() Part identification 3.1 Description Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received. 3.2 Format Part numbers for this device have the following format: MC 9 S08 PA AA (V) B CC 3.3 Fields This table lists the possible values for each field in the part number (not all combinations are valid): Field Description Values MC Qualification status • MC = fully qualified, general market flow 9 Memory • 9 = flash based S08 Core • S08 = 8-bit CPU PA Device family • PA AA Approximate flash size in KB • 16 = 16 KB • 8 = 8 KB (V) Mask set version • (blank) = Any version • A = Rev. 2 or later version, this is recommended for new design B Operating temperature range (°C) • M = –40 to 125 • V = –40 to 105 CC Package designator • LD = 44-LQFP • LC = 32-LQFP • TJ = 20-TSSOP • WJ = 20-SOIC • TG = 16-TSSOP 3.4 Example This is an example part number: 3 Part identification MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020 6 NXP Semiconductors |