công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70169A bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện 98ASH70169A
Giải thích chi tiết về linh kiện  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 18Page - NXP Semiconductors 98ASH70169A Datasheet HTML 19Page - NXP Semiconductors 98ASH70169A Datasheet HTML 20Page - NXP Semiconductors 98ASH70169A Datasheet HTML 21Page - NXP Semiconductors 98ASH70169A Datasheet HTML 22Page - NXP Semiconductors 98ASH70169A Datasheet HTML 23Page - NXP Semiconductors 98ASH70169A Datasheet HTML 24Page - NXP Semiconductors 98ASH70169A Datasheet HTML 25Page - NXP Semiconductors 98ASH70169A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Table 11. XOSC and ICS specifications (temperature range = -40 to 105 °C for V part and -40
to 125 °C for M part ambient) (continued)
Num
C
Characteristic
Symbol
Min
Typical1
Max
Unit
8
D
Square wave
input clock
frequency
FEE or FBE mode2
fextal
0.03125
—
5
MHz
D
FBELP mode
0
—
20
MHz
9
P
Average internal reference frequency -
trimmed
fint_t
—
31.25
—
kHz
10
P
DCO output frequency range - trimmed
fdco_t
16
—
20
MHz
11
P
Total deviation
of DCO output
from trimmed
frequency5
Over full voltage and
temperature range
Δfdco_t
—
—
±2.0
%fdco
C
Over fixed voltage and
temperature range of 0 to
70 °C
±1.0
12
C
FLL acquisition time5, 7
tAcquire
—
—
2
ms
13
C
Long term jitter of DCO output clock
(averaged over 2 ms interval)8
CJitter
—
0.02
0.2
%fdco
1. Data in Typical column was characterized at 5.0 V, 25 °C or is typical recommended value.
2. When ICS is configured for FEE or FBE mode, input clock source must be divisible using RDIV to within the range of 31.25
kHz to 39.0625 kHz.
3. See crystal or resonator manufacturer's recommendation.
4. Load capacitors (C1,C2), feedback resistor (RF) and series resistor (RS) are incorporated internally when RANGE = HGO =
0.
5. This parameter is characterized and not tested on each device.
6. Proper PC board layout procedures must be followed to achieve specifications.
7. This specification applies to any time the FLL reference source or reference divider is changed, trim value changed, or
changing from FLL disabled (FBELP, FBILP) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as
the reference, this specification assumes it is already running.
8. Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum fBus.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter percentage
for a given interval.
XOSC
EXTAL
XTAL
Crystal or Resonator
RS
C2
RF
C1
Figure 16. Typical crystal or resonator circuit
Peripheral operating requirements and behaviors
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
22
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com