| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
98ASH70169A bảng dữ liệu(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70169A bảng dữ liệu(HTML) 20 Page - NXP Semiconductors |
|
20 / 36 page ![]() tICPW FTMCHn tICPW FTMCHn Figure 15. Timer input capture pulse Thermal specifications 6.3.1 Thermal characteristics This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and it is user- determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small. Table 10. Thermal characteristics Rating Symbol Value Unit Operating temperature range (packaged) TA1 TL to TH • -40 to 125 for M part • -40 to 105 for V part °C Junction temperature range TJ • -40 to 135 for M part • -40 to 125 for V part °C Thermal resistance single-layer board 44-pin LQFP RθJA 76 °C/W 32-pin LQFP RθJA 88 °C/W 20-pin SOIC RθJA 82 °C/W 20-pin TSSOP RθJA 116 °C/W 16-pin TSSOP RθJA 130 °C/W Thermal resistance four-layer board 44-pin LQFP RθJA 54 °C/W 32-pin LQFP RθJA 59 °C/W 20-pin SOIC RθJA 54 °C/W 20-pin TSSOP RθJA 76 °C/W 16-pin TSSOP RθJA 87 °C/W 6.3 Thermal specifications MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020 20 NXP Semiconductors |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |