công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70169A bảng dữ liệu(PDF) 16 Page - NXP Semiconductors

tên linh kiện 98ASH70169A
Giải thích chi tiết về linh kiện  MC9S08PA16A and MC9S08PA8A are recommended for new design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70169A bảng dữ liệu(HTML) 16 Page - NXP Semiconductors

Back Button 98ASH70169A Datasheet HTML 12Page - NXP Semiconductors 98ASH70169A Datasheet HTML 13Page - NXP Semiconductors 98ASH70169A Datasheet HTML 14Page - NXP Semiconductors 98ASH70169A Datasheet HTML 15Page - NXP Semiconductors 98ASH70169A Datasheet HTML 16Page - NXP Semiconductors 98ASH70169A Datasheet HTML 17Page - NXP Semiconductors 98ASH70169A Datasheet HTML 18Page - NXP Semiconductors 98ASH70169A Datasheet HTML 19Page - NXP Semiconductors 98ASH70169A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Table 5. Supply current characteristics (continued)
Num
C
Parameter
Symbol
Bus Freq
VDD (V)
Typical1
Max
Unit
P
20 MHz
3
8.18
—
C
10 MHz
5.14
—
1 MHz
1.44
—
4
P
Run supply current FBE
mode, all modules off &
gated; run from RAM
RIDD
20 MHz
5
8.50
14.0
mA
C
10 MHz
5.07
—
1 MHz
1.59
—
P
20 MHz
3
6.11
—
C
10 MHz
4.10
—
1 MHz
1.34
—
5
P
Wait mode current FEI mode,
all modules on
WIDD
20 MHz
5
5.95
—
mA
C
10 MHz
3.50
—
1 MHz
1.24
—
C
20 MHz
3
5.45
—
10 MHz
3.25
—
1 MHz
1.20
—
6
C
Stop3 mode supply current
no clocks active (except 1kHz
LPO clock)2, 3
S3IDD
—
5
1.35
—
µA
C
—
3
1.3
—
7
C
ADC adder to stop3
ADLPC = 1
ADLSMP = 1
ADCO = 1
MODE = 10B
ADICLK = 11B
—
—
5
40
—
µA
C
3
39
—
8
C
LVD adder to stop34
—
—
5
128
—
µA
C
3
124
—
1. Data in Typical column was characterized at 5.0 V, 25 °C or is typical recommended value.
2. RTC adder cause <1 µA IDD increase typically, RTC clock source is 1kHz LPO clock.
3. ACMP adder cause <10 µA IDD increase typically.
4. LVD is periodically woken up from stop3 by 5% duty cycle. The period is equal to or less than 2 ms.
6.1.3 EMC performance
Electromagnetic compatibility (EMC) performance is highly dependent on the
environment in which the MCU resides. Board design and layout, circuit topology
choices, location and characteristics of external components as well as MCU software
operation all play a significant role in EMC performance. The system designer should
consult NXP applications notes such as AN2321, AN1050, AN1263, AN2764, and
AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
Nonswitching electrical specifications
MC9S08PA16 Series Data Sheet, Rev. 4, 03/2020
16
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com