công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EDF7275K bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG

tên linh kiện 2EDF7275K
Giải thích chi tiết về linh kiện  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 8Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 9Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 10Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 11Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 12Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 13Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 14Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 15Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Final datasheet
12
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Functional description
3.4
Input configurations
The inputs INA and INB control two independent PWM channels. The input signal is transferred non-inverted to
the corresponding gate driver outputs OUTA and OUTB. All inputs are compatible with LV-TTL threshold levels
and provide a hysteresis of typ. 0.8 V. The hysteresis is independent of the supply voltage VDDI.
The PWM inputs are internally pulled down to a logic low voltage level (GNDI). In case the PWM-controller signals
have an undefined state during the power-up sequence, the gate driver outputs are forced to the "off"-state
(low).
If the DISABLE input is “high”, this unconditionally drives both channel outputs to “low” regardless of the state of
INA or INB.
3.5
Driver outputs
The two rail-to-rail output stages, realized with complementary PMOS, NMOS transistors, are able to provide the
necessary sourcing and sinking current and shoot-through protection and active current limitation have been
implemented with a very low on-resistance (see Table 15). The use of a p-channel sourcing transistor PMOS is
crucial for achieving true rail-to-rail behavior without any source follower voltage drop.
Gate Drive Outputs OUTA, OUTB are held actively low in case of floating inputs or during startup or power down
as long as the UVLO thresholds are not exceeded.
Table 5
Logic table
Inputs
Gate Drive Output
DISABLE
INA
INB UVLO
input side1)
1) “inactive” means that VDD is above UVLO threshold voltage (normal operation)
“active” means that UVLO disables the gate driver output stages
UVLO
output side1)
OUTA
OUTB
xx
x
active
x
L
L
xx
x
x
ch A/B active
L
L
L
x
L
inactive
ch A activ, ch B inactive
L
L
L
x
H
inactive
ch A active, ch B inactive
L
H
L
L
x
inactive
ch A inactive, ch B active
L
L
L
H
x
inactive
ch A inactive, ch B active
H
L
Hx
x
inactive
ch A/B inactive
L
L
LL
L
inactive
ch A/B inactive
L
L
LL
H
inactive
ch A/B inactive
L
H
LH
H
inactive
ch A/B inactive
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38