công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2EDF7275K bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG

tên linh kiện 2EDF7275K
Giải thích chi tiết về linh kiện  Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDF7275K bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG

Back Button 2EDF7275K Datasheet HTML 6Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 7Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 8Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 9Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 10Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 11Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 12Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 13Page - Infineon Technologies AG 2EDF7275K Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Final datasheet
10
Rev.2.5
2020-03-17
EiceDRIVER™ 2EDi product family
2EDSx reinforced, 2EDFx functional isolated 4A/8A, 1A/2A gate drivers
Functional description
3
Functional description
3.1
Block diagram
A simplified functional block diagram for the the EiceDRIVER™ 2EDi gate-driver family is given in Figure 4.
Figure 4
EiceDRIVER™ 2EDi product family block diagram
3.2
Input-to-output isolation
All EiceDRIVER™ 2EDi dual-channel isolated products are tested in accordance with their respective isolation
class.
• 2EDFx for functional isolation, typically used as primary-side controlled galvanically isolated driver.
Device part numbers: 2EDFxxxxK (2EDF7275K, 2EDF7235K) and 2EDFxxxxF (2EDF7275F, 2EDF9275F,
2EDF7175F)
• 2EDSx for reinforced safe isolation, typically used as secondary-side controlled isolated gate driver.
Device part numbers: 2EDSxxxxH (2EDS8165H, 2EDS9265H, 2EDS8265H)
In combination with the different package dimensions and material characteristics, e.g. WB DSO-16 wide-body
(PG-DSO-16-30), NB DSO-16 narrow-body (PG-DSO-16-11) or LGA - 13 at 5mm x 5mm (PG-TFLGA-13-1) the
maximum input-to-output and channel-to-channel creepage and clearance distances and the possible working
voltages of the IC as a semiconductor component are defined (see Table 18 to Table 29)
Note:
The achievable system isolation depends on PCB design, materials, manufacturing- and working
environment. It is the customer’s obligation to verify that the outlined semiconductor component
isolation of the 2EDSx, 2EDFx device fits to application, manufacturing, working environment and end
system saftey requirement standards.
INB
GNDI
VDDI
VDDB
OUTB
GNDB
Tx
UVLO
VDDA
OUTA
GNDA
UVLO
Tx
INA
SLDON
SLDOP
SLDO
NC
DTC
Channel-to-Channel
Isolation
Dead Time
Control
DISABLE
ENABLE
UVLO
Control
Logic
Rx
Rx
Logic
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38