| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 310 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 310 Page - Exar Corporation |
|
310 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 291 When the Receive E3 Framer block detects the FAS pattern, it will then transition over to the FAS Pattern Verification state, per Figure 137. The FAS Pattern Verification State Once the Receive E3 Framer block has detected an “1111010000” pattern, it must verify that this pattern is indeed the FAS pattern and not some other set of bits, within the E3 frame, mimicking the FAS Pattern. FIGURE 136. THE STATE MACHINE DIAGRAM FOR THE RECEIVE E3 FRAMER E3 FRAME ACQUISITION/MAINTENANCE ALGORITHM FAS Pattern Search FAS Pattern Verification In Frame OOF Condition LOF Condition FAS pattern is detected once FAS Pattern is verified once FAS Pattern is not detected 4 consecutive In-valid Frames 3 consecutive Valid Frames 8 or 24 framing periods of operating in the OOF condition (user-selectable) Frame Maintenance Mode FIGURE 137. ILLUSTRATION OF THE E3, ITU-T G.751 FRAMING FORMAT Frame Alignment Signal AN Data Data Data Data BIP-4 if Selected 1 10 11 12 384 385 768 769 1152 1153 1532 1536 Framing Alignment Signal Pattern = 1111010000 |