| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 96 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 96 Page - Exar Corporation |
|
96 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 77 2.3.3.22 Receive E3 TTB-11 Register (E3, ITU-T G.832) This Read-Only register contains the twelfth (12th) byte within the 16 byte Trail Trace Buffer Message, that has been received from the Far-End Terminal. This register typical contains an ASCII character that is required for the E.164 numbering format. NOTE: For more information on the use of this register, please see Section 5.3.2.9. 2.3.3.23 Receive E3 TTB-12 Register (E3, ITU-T G.832) This Read-Only register contains the thirteenth (13th) byte within the 16 byte Trail Trace Buffer Message, that has been received from the Far-End Terminal. This register typical contains an ASCII character that is required for the E.164 numbering format. NOTE: For more information on the use of this register, please see Section 5.3.2.9. 2.3.3.24 Receive E3 TTB-13 Register (E3, ITU-T G.832) This Read-Only register contains the fourteenth (14th) byte within the 16 byte Trail Trace Buffer Mes- sage, that has been received from the Far-End Termi- nal. This register typical contains an ASCII character that is required for the E.164 numbering format. NOTE: For more information on the use of this register, please see Section 5.3.2.9. 2.3.3.25 Receive E3 TTB-14 Register (E3, ITU-T G.832) RXE3 TTB-11 REGISTER (ADDRESS = 0X27) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 RxTTB-11 RO RO RO RO RO RO RO RO 0 0000 000 RXE3 TTB-12 REGISTER (ADDRESS = 0X28) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 RxTTB-12 RO RO RO RO RO RO RO RO 0 0000 000 RXE3 TTB-13 REGISTER (ADDRESS = 0X29 BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 RxTTB-13 RO RO RO RO RO RO RO RO 0 0000 000 RXE3 TTB-14 REGISTER (ADDRESS = 0X2A) BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0 RxTTB-14 RO RO RO RO RO RO RO RO 0 0000 000 |