| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 26 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 26 Page - Exar Corporation |
|
26 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 7 45 TxSer I Transmit Serial Payload Data Input Pin: The Terminal Equipment is expected to input data, that is intended to be trans- mitted to the remote terminal, over an E3 or DS3 transport medium. The Framer IC will take data, applied to this pin, and insert it into an outbound "E3 or DS3" frame. If the XRT7250 Framer IC has been configured to operate in the "Local Time" Mode, then it will sample the data (on this pin) upon the rising edge of "TxIn- Clk". If the XRT7250 Framer IC has been configured to operate in the "Loop- Time" Mode, then it will sample the data (on this pin) upon the rising edge of "RxOutClk". NOTE: This input pin is active only if the Serial Mode has been selected. 46 TxNib0 I Transmit Nibble-Parallel Payload Data Input -0: The Terminal Equipment is expected to input data, that is intended to be trans- mitted to the remote terminal, over an E3 or DS3 transport medium. The Framer IC will take data, applied to this pin (along with TxNib1, TxNib2, and TxNib3), and insert it into an outbound "E3 or DS3" frame. The XRT7250 will sample the data that is at these input pins, upon the rising edge of the "TxNib- Clk" signal. NOTE: This input pin is active only if the Nibble-Parallel Mode has been selected. 47 TxNib1 I Transmit Nibble-Parallel Payload Data Input -1: The Terminal Equipment is expected to input data, that is intended to be trans- mitted to the remote terminal, over an E3 or DS3 transport medium. The Framer IC will take data, applied to this pin, and insert it into an outbound "E3 or DS3" frame. The XRT7250 will sample the data that is at these input pins, upon the rising edge of the "TxNibClk" signal. NOTE: This input pin is active only if the Nibble-Parallel Mode has been selected. 48 TxNib2 I Transmit Nibble-Parallel Payload Data Input -2: The Terminal Equipment is expected to input data, that is intended to be trans- mitted to the remote terminal, over an E3 or DS3 transport medium. The Framer IC will take data, applied to this pin, and insert it into an outbound "E3 or DS3" frame. The XRT7250 will sample the data that is at these input pins, upon the rising edge of the "TxNibClk" signal. NOTE: This input pin is active only if the Nibble-Parallel Mode has been selected. 49 TxNib3 I Transmit Nibble-Parallel Payload Data Input -3: The Terminal Equipment is expected to input data, that is intended to be trans- mitted to the remote terminal, over an E3 or DS3 transport medium. The Framer IC will take data, applied to this pin (along with TxNib1, TxNib2, and TxNib3), and insert it into an outbound "E3 or DS3" frame. The XRT7250 will sample the data that is at these input pins, upon the rising edge of the "TxNib- Clk" signal. NOTE: This input pin is active only if the Nibble-Parallel Mode has been selected. 50 GND **** Ground Pin 51 VDD **** Power Supply pin PIN DESCRIPTION PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |