| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 308 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 308 Page - Exar Corporation |
|
308 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 289 5.3.2 The Receive E3 Framer Block The Receive E3 Framer block accepts decoded E3 data from the Receive E3 LIU Interface block, and routes data to the following destinations. • The Receive Payload Data Output Interface Block • The Receive Overhead Data Output Interface Block. • The Receive E3 HDLC Controller Block Figure 135 presents a simple illustration of the Re- ceive E3 Framer block along with the associated paths to the other functional blocks within the Framer chip. Once the HDB3 (or AMI) encoded data has been de- coded into a binary data-stream, the Receive E3 Framer block will use portions of this data-stream in order to synchronize itself to the remote terminal equipment. At any given time, the Receive E3 Fram- er block will be operating in one of two modes. FIGURE 134. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND RXNEG ARE TO BE SAMPLED ON THE FALLING EDGE OF RXLINECLK RxLineClk RxPOS RxNEG t40 t41 FIGURE 135. A SIMPLE ILLUSTRATION OF THE RECEIVE E3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO THE OTHER FUNCTIONAL BLOCKS Receive E3 Framer Block Receive E3 Framer Block To Receive E3 HDLC Buffer Receive Overhead Data Output Interface Receive Payload Data Output Interface From Receive E3 LIU Interface Block |