| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M263 bảng dữ liệu(PDF) 98 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 bảng dữ liệu(HTML) 98 Page - Nuvoton Technology Corporation |
|
98 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 98 of 398 Rev 1.02 Pin Name Type MFP Description SPI1_MOSI I/O MFP7 SPI1 MOSI (Master Out, Slave In) pin. UART2_nCTS I MFP8 UART2 clear to Send input pin. I2C0_SMBSUS O MFP9 I 2C0 SMBus SMBSUS pin (PMBus CONTROL pin) UART3_RXD I MFP11 UART3 data receiver input pin. EPWM1_CH3 I/O MFP12 EPWM1 channel 3 output/capture input. PC.3 PC.3 I/O MFP0 General purpose digital I/O pin. EBI_AD3 I/O MFP2 EBI address/data bus bit 3. QSPI0_SS I/O MFP4 QSPI0 slave select pin. SC1_PWR O MFP5 Smart Card 1 power pin. I2S0_MCLK O MFP6 I 2S0 master clock output pin. SPI1_MISO I/O MFP7 SPI1 MISO (Master In, Slave Out) pin. UART2_nRTS O MFP8 UART2 request to Send output pin. I2C0_SMBAL O MFP9 I 2C0 SMBus SMBALTER pin UART3_TXD O MFP11 UART3 data transmitter output pin. EPWM1_CH2 I/O MFP12 EPWM1 channel 2 output/capture input. PC.4 PC.4 I/O MFP0 General purpose digital I/O pin. EBI_AD4 I/O MFP2 EBI address/data bus bit 4. QSPI0_MOSI1 I/O MFP4 QSPI0 MOSI1 (Master Out, Slave In) pin. SC1_nCD I MFP5 Smart Card 1 card detect pin. I2S0_BCLK O MFP6 I 2S0 bit clock output pin. SPI1_I2SMCLK I/O MFP7 SPI1 I 2S master clock output pin UART2_RXD I MFP8 UART2 data receiver input pin. I2C1_SDA I/O MFP9 I 2C1 data input/output pin. UART4_RXD I MFP11 UART4 data receiver input pin. EPWM1_CH1 I/O MFP12 EPWM1 channel 1 output/capture input. PC.5 PC.5 I/O MFP0 General purpose digital I/O pin. EBI_AD5 I/O MFP2 EBI address/data bus bit 5. QSPI0_MISO1 I/O MFP4 QSPI0 MISO1 (Master In, Slave Out) pin. UART2_TXD O MFP8 UART2 data transmitter output pin. I2C1_SCL I/O MFP9 I 2C1 clock pin. UART4_TXD O MFP11 UART4 data transmitter output pin. EPWM1_CH0 I/O MFP12 EPWM1 channel 0 output/capture input. PC.6 PC.6 I/O MFP0 General purpose digital I/O pin. EBI_AD8 I/O MFP2 EBI address/data bus bit 8. |