| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M263 bảng dữ liệu(PDF) 52 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 bảng dữ liệu(HTML) 52 Page - Nuvoton Technology Corporation |
|
52 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 52 of 398 Rev 1.02 33 Pin 64 Pin 128 Pin Pin Name Type MFP Description UART3_TXD O MFP11 UART3 data transmitter output pin. EPWM1_CH2 I/O MFP12 EPWM1 channel 2 output/capture input. 38 72 PC.2 I/O MFP0 General purpose digital I/O pin. EBI_AD2 I/O MFP2 EBI address/data bus bit 2. QSPI0_CLK I/O MFP4 QSPI0 serial clock pin. SC1_RST O MFP5 Smart Card 1 reset pin. I2S0_DI I MFP6 I 2S0 data input pin. SPI1_MOSI I/O MFP7 SPI1 MOSI (Master Out, Slave In) pin. UART2_nCTS I MFP8 UART2 clear to Send input pin. I2C0_SMBSUS O MFP9 I 2C0 SMBus SMBSUS pin (PMBus CONTROL pin) UART3_RXD I MFP11 UART3 data receiver input pin. EPWM1_CH3 I/O MFP12 EPWM1 channel 3 output/capture input. 19 39 73 PC.1 I/O MFP0 General purpose digital I/O pin. EBI_AD1 I/O MFP2 EBI address/data bus bit 1. QSPI0_MISO0 I/O MFP4 QSPI0 MISO0 (Master In, Slave Out) pin. SC1_DAT I/O MFP5 Smart Card 1 data pin. I2S0_DO O MFP6 I 2S0 data output pin. SPI1_CLK I/O MFP7 SPI1 serial clock pin. UART2_TXD O MFP8 UART2 data transmitter output pin. I2C0_SCL I/O MFP9 I 2C0 clock pin. EPWM1_CH4 I/O MFP12 EPWM1 channel 4 output/capture input. ACMP0_O O MFP14 Analog comparator 0 output pin. 20 40 74 PC.0 I/O MFP0 General purpose digital I/O pin. EBI_AD0 I/O MFP2 EBI address/data bus bit 0. QSPI0_MOSI0 I/O MFP4 QSPI0 MOSI0 (Master Out, Slave In) pin. SC1_CLK O MFP5 Smart Card 1 clock pin. I2S0_LRCK O MFP6 I 2S0 left right channel clock output pin. SPI1_SS I/O MFP7 SPI1 slave select pin. UART2_RXD I MFP8 UART2 data receiver input pin. I2C0_SDA I/O MFP9 I 2C0 data input/output pin. EPWM1_CH5 I/O MFP12 EPWM1 channel 5 output/capture input. ACMP1_O O MFP14 Analog comparator 1 output pin. 75 VSS P MFP0 Ground pin for digital circuit. 76 VDD P MFP0 Power supply for I/O ports and LDO source for internal PLL and |