| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M263 bảng dữ liệu(PDF) 43 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 bảng dữ liệu(HTML) 43 Page - Nuvoton Technology Corporation |
|
43 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 43 of 398 Rev 1.02 33 Pin 64 Pin 128 Pin Pin Name Type MFP Description EBI_ADR14 O MFP2 EBI address bus bit 14. SPI2_MOSI I/O MFP3 SPI2 MOSI (Master Out, Slave In) pin. TAMPER5 I/O MFP10 TAMPER detector loop pin 5. TM3 I/O MFP13 Timer3 event counter input/toggle output pin. 25 PF.10 I/O MFP0 General purpose digital I/O pin. EBI_ADR15 O MFP2 EBI address bus bit 15. SC0_nCD I MFP3 Smart Card 0 card detect pin. I2S0_BCLK O MFP4 I 2S0 bit clock output pin. SPI0_I2SMCLK I/O MFP5 SPI0 I 2S master clock output pin TAMPER4 I/O MFP10 TAMPER detector loop pin 4. 26 PF.9 I/O MFP0 General purpose digital I/O pin. EBI_ADR16 O MFP2 EBI address bus bit 16. SC0_PWR O MFP3 Smart Card 0 power pin. I2S0_MCLK O MFP4 I 2S0 master clock output pin. SPI0_SS I/O MFP5 SPI0 slave select pin. TAMPER3 I/O MFP10 TAMPER detector loop pin 3. 27 PF.8 I/O MFP0 General purpose digital I/O pin. EBI_ADR17 O MFP2 EBI address bus bit 17. SC0_RST O MFP3 Smart Card 0 reset pin. I2S0_DI I MFP4 I 2S0 data input pin. SPI0_CLK I/O MFP5 SPI0 serial clock pin. TAMPER2 I/O MFP10 TAMPER detector loop pin 2. 28 PF.7 I/O MFP0 General purpose digital I/O pin. EBI_ADR18 O MFP2 EBI address bus bit 18. SC0_DAT I/O MFP3 Smart Card 0 data pin. I2S0_DO O MFP4 I 2S0 data output pin. SPI0_MISO I/O MFP5 SPI0 MISO (Master In, Slave Out) pin. UART4_TXD O MFP6 UART4 data transmitter output pin. TAMPER1 I/O MFP10 TAMPER detector loop pin 1. 12 29 PF.6 I/O MFP0 General purpose digital I/O pin. EBI_ADR19 O MFP2 EBI address bus bit 19. SC0_CLK O MFP3 Smart Card 0 clock pin. I2S0_LRCK O MFP4 I 2S0 left right channel clock output pin. SPI0_MOSI I/O MFP5 SPI0 MOSI (Master Out, Slave In) pin. |