| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M263 bảng dữ liệu(PDF) 91 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M263 bảng dữ liệu(HTML) 91 Page - Nuvoton Technology Corporation |
|
91 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 91 of 398 Rev 1.02 Pin Name Type MFP Description UART4_RXD I MFP3 UART4 data receiver input pin. I2C1_SDA I/O MFP4 I 2C1 data input/output pin. SPI2_CLK I/O MFP5 SPI2 serial clock pin. SC2_RST O MFP7 Smart Card 2 reset pin. BPWM1_CH3 I/O MFP11 BPWM1 channel 3 output/capture input. QEI1_A I MFP12 Quadrature encoder 1 phase A input PA.14 PA.14 I/O MFP0 General purpose digital I/O pin. I2S0_DI I MFP2 I 2S0 data input pin. UART0_TXD O MFP3 UART0 data transmitter output pin. SPI2_MISO I/O MFP5 SPI2 MISO (Master In, Slave Out) pin. I2C2_SCL I/O MFP6 I 2C2 clock pin. SC2_DAT I/O MFP7 Smart Card 2 data pin. BPWM1_CH4 I/O MFP11 BPWM1 channel 4 output/capture input. QEI1_B I MFP12 Quadrature encoder 1 phase B input PA.15 PA.15 I/O MFP0 General purpose digital I/O pin. I2S0_DO O MFP2 I 2S0 data output pin. UART0_RXD I MFP3 UART0 data receiver input pin. SPI2_MOSI I/O MFP5 SPI2 MOSI (Master Out, Slave In) pin. I2C2_SDA I/O MFP6 I 2C2 data input/output pin. SC2_CLK O MFP7 Smart Card 2 clock pin. BPWM1_CH5 I/O MFP11 BPWM1 channel 5 output/capture input. EPWM0_SYNC_IN I MFP12 EPWM0 counter synchronous trigger input pin. PB.0 PB.0 I/O MFP0 General purpose digital I/O pin. EADC0_CH0 A MFP1 EADC0 channel 0 analog input. EBI_ADR9 O MFP2 EBI address bus bit 9. SD0_CMD I/O MFP3 SD/SDIO0 command/response pin UART2_RXD I MFP7 UART2 data receiver input pin. SPI0_I2SMCLK I/O MFP8 SPI0 I 2S master clock output pin I2C1_SDA I/O MFP9 I 2C1 data input/output pin. EPWM0_CH5 I/O MFP11 EPWM0 channel 5 output/capture input. EPWM1_CH5 I/O MFP12 EPWM1 channel 5 output/capture input. EPWM0_BRAKE1 I MFP13 EPWM0 Brake 1 input pin. PB.1 PB.1 I/O MFP0 General purpose digital I/O pin. EADC0_CH1 A MFP1 EADC0 channel 1 analog input. |