công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG413/883 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện DG413/883
Giải thích chi tiết về linh kiện  Monolithic Quad SPST CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG413/883 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  DG413/883 Datasheet HTML 1Page - Intersil Corporation DG413/883 Datasheet HTML 2Page - Intersil Corporation DG413/883 Datasheet HTML 3Page - Intersil Corporation DG413/883 Datasheet HTML 4Page - Intersil Corporation DG413/883 Datasheet HTML 5Page - Intersil Corporation DG413/883 Datasheet HTML 6Page - Intersil Corporation DG413/883 Datasheet HTML 7Page - Intersil Corporation DG413/883 Datasheet HTML 8Page - Intersil Corporation DG413/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
DG411/883, DG412/883
DG413/883
Monolithic Quad SPST CMOS Analog Switches
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• ON-Resistance <35
Ω Max
• Low Power Consumption (PD <35µW)
• Fast Switching Action
- tON <175ns
- tOFF <145ns
• Low Charge Injection
• Upgrade from DG211/DG212
• TTL, CMOS Compatible
• Single or Split Supply Operation
Applications
• Audio Switching
• Battery Operated Systems
• Data Acquisition
• Hi-Rel Systems
• Sample and Hold Circuits
• Communication Systems
• Automatic Test Equipment
Part Number Information
PART NUMBER
TEMP. RANGE
PACKAGE
DG411AK/883
-55oC to +125oC
16 Lead CerDIP
DG412AK/883
-55oC to +125oC
16 Lead CerDIP
DG413AK/883
-55oC to +125oC
16 Lead CerDIP
August 2003
Pinout
DG411/883, DG412/883,
DG413/883 (CERDIP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+
VL
S3
D3
IN3
D2
(NC) NO CONNECTION
Functional Diagrams Four SPST Switches per Package Switches Shown for Logic “1” Input
S1
D1
S2
D2
S3
D3
S4
D4
DG411/883
S1
D1
S2
D2
S3
D3
S4
D4
IN1
DG412/883
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
IN1
DG413/883
IN2
IN3
IN4
IN2
IN3
IN4
IN1
Description
The DG411/883 series monolithic CMOS analog switches
are drop-in replacements for the popular DG211 and DG212
series devices. They include four independent single pole
throw (SPST) analog switches, and TTL and CMOS compat-
ible digital inputs.
These switches feature lower analog ON resistance (<35
Ω)
and faster switch time (tON <175ns) compared to the DG211
or DG212. Charge injection has been reduced, simplifying
sample and hold applications.
The improvements in the DG411/883 series are made possi-
ble by using a high voltage silicon-gate process. An epitaxial
layer prevents the latch-up associated with older CMOS
technologies. The 44V maximum voltage range permits con-
trolling 40VP-P signals. Power supplies may be single-ended
from +5V to +34V, or split from
±5V to ±20V.
The four switches are bilateral, equally matched for AC or
bidirectional signals. The ON resistance variation with analog
signals is quite low over a
±15V analog input range. The
switches in the DG411/883 and DG412/883 are identical, dif-
fering only in the polarity of the selection logic. Two of the
switches in the DG413/883 (#1 and #4) use the logic of the
DG211 and DG411/883 (i.e. a logic “0” turns the switch ON)
and the other two switches use DG212 and DG412/883 posi-
tive logic. This permits independent control of turn-on and
turn-off times for SPDT configurations, permitting “break-
before-make” or “make-before-break” operation with a mini-
mum of external logic.
Spec Number
512043
File Number
3681.1
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tech
nica
l Su
ppo
rt Ce
nter
at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Số phần tương tự - DG413/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
DG413 INTERSIL-DG413 Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG413 INTERSIL-DG413 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
logo
Vishay Siliconix
DG413 VISHAY-DG413 Datasheet
107Kb / 8P
Precision Monolithic Quad SPST CMOS Analog Switches
06-Sep-99
logo
Intersil Corporation
DG413 INTERSIL-DG413 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG413 VISHAY-DG413 Datasheet
140Kb / 9P
Precision Monolithic Quad SPST CMOS Analog Switches
25-Jun-07
More results

Mô tả tương tự - DG413/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
Monolithic Quad SPST CMOS Analog Switches
21-Feb-00
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com