công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC18730EP/R2 bảng dữ liệu(PDF) 14 Page - Freescale Semiconductor, Inc

tên linh kiện MPC18730EP/R2
Giải thích chi tiết về linh kiện  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 bảng dữ liệu(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
18730
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 18730 power management integrated circuit provides
five independent output voltages for the micro controller from
either a single cell Li-Ion or from a single cell Ni-MH or dry
cell. The PMIC includes two DC to DC converters and three
low drop out linear regulators. The output voltage for each of
the five output voltages is set independently through a 3-wire
serial interface. The PMIC has multiple wakeup, sleep, and
reset modes to minimize power consumption for portable
equipment. In single cell Li-Ion applications two DC-DC
converters are configured as buck regulators. In single cell
Ni-MH or dry cell applications, one DC-DC converter is
configured as a boost regulator, and the other as buck-boost
regulator.
FUNCTIONAL TERMINAL DESCRIPTION
CLEAR TERMINAL (CLR)
This Clear input signal makes clear internal latches for
WAKE signal holding. The WAKE control circuit can not
receive another WAKE input until the latch is cleared by this
Clear input.
WAKE SIGNAL TERMINALS (WAKE1B, WAKE2B,
WAKE3B, WAKE4B) ... ACTIVE LOW
Any one WAKE input signal of these four WAKE inputs
awakes this device from sleep mode. The WAKE signals can
be made with external low side mechanical switch and
resistance that is pulled up to VSTB rail.
LOW-SIDE SWITCH OUTPUT TERMINAL (LSWO)
Low-Side switch output that is turned on with ‘CLR’ signal.
It can be used for external key input latches clear.
LOW VOLTAGE BATTERY TERMINAL (LVB)
This input terminal is used for temporarily power supply
while wake up for 1cell Ni-MH battery or 1cell dry cell battery
(= Low Voltage Battery) use. It has to be connected to VB rail.
When Li-Ion battery is used, the terminal has to be open.
HIGH VOLTAGE BATTERY TERMINAL (HVB)
This input terminal is used for temporarily power supply
while wake up for Li-Ion battery (= High Voltage Battery) use.
It has to be connected to the VB rail. When a Ni-MH battery
is used, the terminal has to be connected to ground level.
STANDBY VOLTAGE TERMINAL (V_STBY)
Standby Voltage is made from LVB or HVB that depends
on which battery is used. This voltage is used for internal
logic and analog circuit at standby (sleep) mode temporarily
before ‘VO1’ voltage is established.
VOLTAGE INPUT TERMINALS (VO1, VO2)
This power supply input terminal named ‘VO1 or VO2’ is
for internal logic and analog circuits and for input of ‘VCC1’
output via power switch. Input for ‘VCC2’ is ‘VO2IN’ terminal.
It is supplied from the output of Channel-1 or Channel-2 DC/
DC converter as ‘VO1 or VO2.
VOLTAGE OUTPUT TERMINALS (VCC1, VCC2)
Output ‘VO1’ or ‘VO2’ voltage controlled internal power
switch.
POWER INPUT TERMINALS (VI1, VI2)
The power input terminals (VI1, VI2) are drain terminals on
the top side FET of the DC/DC converter switcher. They are
the power input for the buck converter and output for the
boost converter.
SWITCHING TERMINALS (SW1, SW2)
Switching Terminals (SW1, SW2) are the output of the half
bridge and connect to the external inductance.
POWER GROUND TERMINALS (PGND1, PGND2,
PGND3)
Ground level node for DC/DC converter and Charge Pump
portion.
INVERTED RESET OUTPUT TERMINALS (RSTO1B,
RSTO2B)
Reset signal output for external MPU or the something
controller. RSTO1B keeps ‘Low’ level while the VO1 voltage
is less than internal reference voltage. RSTO2B follows to
VO2 voltage.
RESET DELAY CAPACITOR TERMINALS (CRST1,
CSRT2)
The capacitor which is connected to this terminal decide
delay time to negate Reset signal from exceeding the
reference voltage level.
RESET 1 ADJUSTMENT TERMINAL (RST1ADJ)
Used to adjust the reset level with external resistance
which is connected to VO1 for RSTO1B.
DUTY CONTROL TERMINALS (DTC1, DTC2)
Connected external voltage to this terminal via
capacitance can control the duty of DC/DC converter
switching. Use of the terminal for this is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com