công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC18730EP/R2 bảng dữ liệu(PDF) 27 Page - Freescale Semiconductor, Inc

tên linh kiện MPC18730EP/R2
Giải thích chi tiết về linh kiện  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 bảng dữ liệu(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
18730
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
VO2_V[6] : Reference DAC MSB
1 = VO2_V[6] on
0 = VO2_V[6] off
VO2_V[5] : Reference DAC Bit5
1 = VO2_V[5] on
0 = VO2_V[5] off
VO2_V[4] : Reference DAC Bit4
1 = VO2_V[4] on
0 = VO2_V[4] off
VO2_V[3] : Reference DAC Bit3
1 = VO2_V[3] on
0 = VO2_V[3] off
VO2_V[2] : Reference DAC Bit2
1 = VO2_V[2] on
0 = VO2_V[2] off
VO2_V[1] : Reference DAC Bit1
1 = VO2_V[1] on
0 = VO2_V[1] off
VO2_V[0]: Reference DAC LSB
1 = VO2_V[0] on
0 = VO2_V[0] off
S_Off_VO2 : DDC2 Top side & DW2B (Ni_mh) / Bottom
side (Li_ion) transistor off
1 = Synchronous Rectification Off
0 = Synchronous Rectification On
Refer to Table 11, Output Voltage of VO2 on page 20 for
the correspondence between the output voltage and register
settings.
SREG1_V[6] : Reference DAC MSB
1 = SREG1_V[6] on
0 = SREG1_V[6] off
SREG1_V[5] : Reference DAC Bit5
1 = SREG1_V[5] on
0 = SREG1_V[5] off
SREG1_V[4] : Reference DAC Bit4
1 = SREG1_V[4] on
0 = SREG1_V[4] off
SREG1_V[3] : Reference DAC Bit3
1 = SREG1_V[3] on
0 = SREG1_V[3] off
SREG1_V[2] : Reference DAC Bit2
1 = SREG1_V[2] on
0 = SREG1_V[2] off
SREG1_V[1] : Reference DAC Bit1
1 = SREG1_V[1] on
0 = SREG1_V[1] off
SREG1_V[0]: Reference DAC LSB
1 = SREG1_V[0] on
0 = SREG1_V[0] off
Reserved : Blank register bit (Freescale Pre-Defined
Register)
1 = Preferred
0 = Forbidden
Note : Do NOT change Reserved Register from default
value.
Refer to Table 12, Output Voltage of SREG1 on page 21
for the correspondence between the output voltage and
register settings.
Table 21. VO2 Output Voltage Register
0100
Data1
Data2
Bit
3210
3
2
1
0
Name
VO2_V[6]
VO2_V[5]
VO2_V[4]
VO2_V[3]
VO2_V[2]
VO2_V[1]
VO2_V[0]
S_Off_VO2
Default
1000
0
0
0
0
Table 22. Regulator1 Output Voltage Register
0101
Data1
Data2
Bit
3
2
1
0
3
2
1
0
Name
SREG1_V[6]
SREG1_V[5]
SREG1_V[4]
SREG1_V[3]
SREG1_V[2]
SREG1_V[1]
SREG1_V[0]
Reserved
Default
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com