công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC18730EP/R2 bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc

tên linh kiện MPC18730EP/R2
Giải thích chi tiết về linh kiện  Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC18730EP/R2 bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC18730EP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC18730EP/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
18730
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
REGISTER MAPPINGS
CLR : CLR Control
1 = CLR is high
0 = CLR is low
SLEEP : SLEEP Control
1 = SLEEP is high
0 = SLEEP is low
Reserved : Freescale defined register *1
1 = Forbidden
0 = Required
Reserved : Freescale defined register *1
1 = Forbidden
0 = Required
Reserved : Freescale defined register *1
1 = Forbidden
0 = Required
Reserved : Freescale defined register *1
1 = Forbidden
0 = Required
Reserved : Freescale defined register *1
1 = Forbidden
0 = Required
Reserved : Freescale defined register *1
1 = Forbidden
0 = Required
Note : Do NOT change Reserved Register from default
value.
*1: Data write to this address (1000) is allowed for the
most significant two bits only. The least significant 6 bits are
only used for the factory test. When writing data, always write
0 to these six bits.
PSW1 : VCC1 Power Switch control
1 = Power Switch on
0 = Power Switch off
PSW2 : VCC2 Power Switch control
1 = Power Switch on
0 = Power Switch off
RSTO1B : RSTO1B Mask *1
1 = RSTO1B mask on
0 = RSTO1B mask off
VO2 : DC/DC Converter Channel 2 output Control *2
1 = DDC2 on
0 = DDC2 off
SREG1 : Series Pass Regulator Channel1 output Control
1 = Regulator on
0 = Regulator off
SREG2 : Series Pass Regulator Channel2 output
Control *3
1 = Regulator off
0 = Regulator on
SREG3 : Series Pass Regulator Channel3 output Control
1 = Regulator on
0 = Regulator off
RSTO2B : RSTO2B Mask
*1
1 = RSTO2B mask on
0 = RSTO2B mask off
*1: When switching the output voltage of VO1 (2), write 1
to the RSTO1B (2) Mask bit in advance to fix the rest output
to High for preventing erroneous operation.
*2: When turning DDC2 OFF, set the RSTO2B bit to High
to Mask RSTO2B. If you turn DDC2 OFF, the power switch 2
also turns OFF.
Table 17. CLR and SLEEP Control Register
1000
Data1
Data2
Bit
3
2
1
0
3
2
1
0
Name
CLR
SLEEP
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Default
0
0
0
0
0
0
0
0
Table 18. Power Mode Register
0001
Data1
Data2
Bit
3
2
1
0
3
2
1
0
Name
PSW1
PSW2
RSTO1B
VCC2
SREG1
SREG2
SREG3
RSTO2B
Default
1
1
0
1
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com