| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS3001 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 9 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL 8.2 Command overview [1] Commands active in state READY (R), ID (I) and DATA_EXCHANGE (D) if marked with “x” and ignored otherwise. [2] xx can be “EQ”, “NE”, “GT” or “LT”. [3] yy can be “EQ” or “NE”. For details on each command see Section 11. Table 4. Command Overview Command name State[1] Description R I D GROUP_SELECT_xx [2] x x group of commands that selects a class of tags in the field to participate in the identification process; selection criteria is the data at a specified address GROUP_UNSELECT_xx [2] x group of commands that unselects a class of tags in the field; unselection criteria is the data at a specified address GROUP_SELECT_yy_FLAGS [3] x x group of commands that selects a class of tags in the field to participate in the identification process; selection criteria is the flag status of the IC GROUP_UNSELECT_yy_FLAGS [3] x group of commands that unselects a class of tags in the field; unselection criteria is the flag status of the IC MULTIPLE_UNSELECT x unselect tags from participating on the write_multiple process FAIL x anticollision command after recognized collision SUCCESS x anticollision command after recognized identification or no-response RESEND x anticollision command after incorrect response INITIALIZE x x x moves all tags in the READY state READ x x x reads data of a defined tag from a special address DATA_READ x x reads data of a defined tag from a special address; typical after an identification process READ_VERIFY x x x reads data of a defined tag from a special address; typical after a write process WRITE x x x writes one byte to a special address of one tag WRITE_MULTIPLE x x writes one byte to a special address of all selected tags WRITE4BYTE_MULTIPLE x x writes four byte to a special address of all selected tags WRITE4BYTE x x x writes four byte to a special address of one tag LOCK x locks a special byte of one tag QLOCK x x x queries the lock status of a special byte of one tag READ_PORT x x x reads port data or defined tag port address READ_VARIABLE x x x reads defined number of bytes from a certain memory address of a defined tag READ_VERIFY x x x reads data of a defined tag from a special address; typical after a WRITE4BYTE command |