| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS3001 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 8 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL State transition description • Power-On – state change when interrogator field is turned on • Power-Off – state change when interrogator field is turned off • Select state change due to selection of tag by GROUP_SELECT commands • Unselect – state change due to deselection of tag by GROUP_UNSELECT commands • Data_Read – state change due to first read access in collision arbitration process • Read – state change due to read access independent of collision arbitration process • Initialize – state change due to deselection of all tags by the INITIALIZE command As the state machine only supports 3 active states (READY, ID and DATA_EXCHANGE), only 3 opportunities of the tag status exist when the tag comes into the ready state after the power-off state. 1. The tag is new in this environment or was out of the field for a long while. In this case the tag should stay in the ready state until a new collision arbitration loop is initiated by a GROUP_SELECT command. 2. The tag has been participating in a collision arbitration and lost power through field nulls or just came out of the operating range. In this case, the tag has lost one or more collision arbitration commands and should therefore no longer participate in the active collision arbitration round. It should stay in the ready state until a new collision arbitration loop is initiated by a GROUP_SELECT command. 3. The tag had been selected already and was powered-down due to field nulls or short time being out of the operating range. In this case the tag no longer needs to be considered in the collision arbitration loops of this interrogator. Interrogators using the GROUP_SELECT_FLAG and GROUP_UNSELECT_ FLAG commands appropriately do not need to handle tags with DE_SB set and therefore limit the number of tags for the next collision arbitration loop to only those tags that have not been handled before. By use of above mechanism each field null shorter than tDE_SB, which is at least several seconds does not require a tag to be handled more than once in the collision arbitration. In general the use of the DE_SB bit improves the number of tags identified within a certain time especially for large tag numbers when field nulls exist. The exact transition between these states is specified in Table 5. |