| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS3001 bảng dữ liệu(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001 bảng dữ liệu(HTML) 32 Page - NXP Semiconductors |
|
32 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 32 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL 11.2.9 GROUP_UNSELECT_LT When receiving a GROUP_UNSELECT_LT command, a tag which is in the ID state reads the 8-byte memory content beginning at the specified ADDRESS and compares it with the WORD_DATA sent by the interrogator. In case the memory content is lower than WORD_DATA the tag goes into the READY state and will not send any reply. In case the comparison fails, the tag sets its internal counter COUNT to logic 0, reads its UID, sends back the UID and stays in the ID state. 11.2.10 MULTIPLE_UNSELECT When receiving a MULTIPLE_UNSELECT command, a tag which is in the ID state reads the 1-byte memory content beginning at the specified ADDRESS and compares it with the BYTE_DATA sent by the interrogator. In case the memory content is equal to BYTE_DATA and the flag WRITE_OK is set, then the tag goes into the state READY and will not send any reply. In case the comparison fails, the tag sets its internal counter COUNT to logic 0, reads its UID and sends back the UID. This command may be used to unselect all tags that had a successful write, while tags that had a weak write or write problems stay selected. Command sequence Preamble Start Delimiter Command ADDRESS BYTE_MASK WORD_DATA CRC Response sequence in case of non meeting unselection criteria Return Preamble ID CRC Command sequence Preamble Start Delimiter Command ADDRESS BYTE_MASK WORD_DATA CRC Response sequence in case of non meeting unselection criteria Return Preamble ID CRC |