| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL3ICS3001 bảng dữ liệu(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS3001 bảng dữ liệu(HTML) 35 Page - NXP Semiconductors |
|
35 / 54 page ![]() SL3ICS3001_072831 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 9 July 2012 072831 35 of 54 NXP Semiconductors SL3ICS3001 UCODE HSL 11.3 Identification commands Identification commands are used to run the multiple tag identification protocol. 11.3.1 FAIL The identification algorithm uses FAIL when more than one tag tried to identify itself at the same time. Some tags back off and some tags retransmit. In case its internal counter COUNT is not zero or the random generator result is ‘1’, then COUNT shall be increased by ‘1’, unless it is FFh. If the resulting COUNT value is ‘0’, then the tag reads its UID and sends it back. 11.3.2 SUCCESS SUCCESS initiates identification of the next set of tags. It is used in two cases: • When all tags receiving FAIL backed off and did not transmit, SUCCESS causes those same tags to transmit again. • After any read or write command moved an identified tag to DATA_EXCHANGE, SUCCESS causes the next subset of selected but unidentified tags to transmit. In case its internal counter COUNT is not zero, it will be decreased by ‘1’. If the resulting COUNT value is ‘0’, then the tag reads its UID and sends it back. Command sequence Preamble Start Delimiter Command CRC Response sequence in case of COUNT equals zero Return Preamble ID CRC Command sequence Preamble Start Delimiter Command CRC Response sequence in case of COUNT equals zero Return Preamble ID CRC |