công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL2S2602 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện SL2S2602
Giải thích chi tiết về linh kiện  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  SL2S2602 Datasheet HTML 1Page - NXP Semiconductors SL2S2602 Datasheet HTML 2Page - NXP Semiconductors SL2S2602 Datasheet HTML 3Page - NXP Semiconductors SL2S2602 Datasheet HTML 4Page - NXP Semiconductors SL2S2602 Datasheet HTML 5Page - NXP Semiconductors SL2S2602 Datasheet HTML 6Page - NXP Semiconductors SL2S2602 Datasheet HTML 7Page - NXP Semiconductors SL2S2602 Datasheet HTML 8Page - NXP Semiconductors SL2S2602 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
2 / 55
The 32-bit Destroy password enables an addressed label to be destroyed with the
DESTROY SLIX2 command. That status is irreversible and the label will never respond
to any command again.
• Password protected Privacy Mode:
The 32-bit Privacy password enables a label to be set to the Privacy mode with the
ENABLE PRIVACY command. In this mode the label will not respond to any command
except the command GET RANDOM NUMBER, until it next receives the correct
Privacy password. This mode is especially designed to meet the increasing demand to
take care of the customers privacy.
• Password protected EAS and AFI functionality:
The 32-bit EAS/AFI password enables the addressed label to be set in a mode
where the EAS status, the EAS ID and/or the AFI value can only be changed if the
correct EAS/AFI password needs to be transmitted before with the SET PASSWORD
command.
• 16 bit counter:
The last block of the user memory provides a special feature - the 16 bit counter.
The counter can be increased by one with a WRITE command (optionally password
protected by the read password). The counter can be reset to an initial value with the
write password.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55