công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SL2S2602 bảng dữ liệu(PDF) 16 Page - NXP Semiconductors

tên linh kiện SL2S2602
Giải thích chi tiết về linh kiện  ICODE SLIX2
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2602 bảng dữ liệu(HTML) 16 Page - NXP Semiconductors

Back Button SL2S2602 Datasheet HTML 12Page - NXP Semiconductors SL2S2602 Datasheet HTML 13Page - NXP Semiconductors SL2S2602 Datasheet HTML 14Page - NXP Semiconductors SL2S2602 Datasheet HTML 15Page - NXP Semiconductors SL2S2602 Datasheet HTML 16Page - NXP Semiconductors SL2S2602 Datasheet HTML 17Page - NXP Semiconductors SL2S2602 Datasheet HTML 18Page - NXP Semiconductors SL2S2602 Datasheet HTML 19Page - NXP Semiconductors SL2S2602 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
NXP Semiconductors
SL2S2602
ICODE SLIX2
SL2S2602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 4.1 — 25 July 2017
COMPANY PUBLIC
276341
16 / 55
Option 1 (Option flag set) is supported.
If the addressed block is part of a write protected page or only protected with the read
password (see Section 9.5.3.6 "PROTECT PAGE") and the password has not been
transmitted first with the SET PASSWORD command, the label will respond according to
the error handling (see Section 9.6 "Error handling").
Remark: Block 79 of the user memory contains the 16 bit counter feature and can not be
locked (refer to section "16 bit counter feature").
9.5.2.4 READ MULTIPLE BLOCKS
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
If one of the addressed blocks is part of a page protected with the Read-Password and
the password has not been transmitted first with the SET PASSWORD command the
label will respond according to the error handling (see Section 9.6 "Error handling").
Remark: Block 79 of the user memory contains the 16 bit counter feature and needs to
be treated differently (refer to section "16 bit counter feature").
9.5.2.5 SELECT
As defined in ISO/IEC 15693-3.
9.5.2.6 RESET TO READY
As defined in ISO/IEC 15693-3.
Remark: RESET TO READY also resets the label IC from the persistent quiet state
(refer to Section 9.5.3.10 "INVENTORY READ" and Section 9.5.3.19 "STAY QUIET
PERSISTENT")into the READY state.
9.5.2.7 WRITE AFI
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
Remark: This command maybe password protected, refer to Section 9.5.3.16
"PASSWORD PROTECT EAS/AFI".
9.5.2.8 LOCK AFI
As defined in ISO/IEC 15693-3.
Option 0 (Option flag not set) is supported.
Option 1 (Option flag set) is supported.
Remark: This command maybe password protected, refer to Section 9.5.3.16
"PASSWORD PROTECT EAS/AFI".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55