| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95M04-DR bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M04-DR bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 46 page ![]() DS12179 Rev 1 27/46 M95M04-DR Instructions 37 6.8 Write Identification page The Identification page (512 bytes) is an additional page that can be written and (later) permanently locked in Read-only mode. Writing this page is achieved with the Write Identification page instruction (see Table 4). The Chip select signal (S) is first driven low. The bits of the instruction byte, address bytes, and at least one data byte are then shifted in on Serial data input (D). Address bit A10 must be 0, upper address bits are Don't care, the lower address bits [A8:A0] define the byte address within the Identification page. The instruction sequence is shown in Figure 16. Figure 16. Write Identification page sequence |