công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

080-0014 bảng dữ liệu(PDF) 8 Page - Laird Tech Smart Technology

tên linh kiện 080-0014
Giải thích chi tiết về linh kiện  Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0014 bảng dữ liệu(HTML) 8 Page - Laird Tech Smart Technology

Back Button 080-0014 Datasheet HTML 4Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 5Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 6Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 7Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 8Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 9Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 10Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 11Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ProFLEX01-R2 Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0098-R4.1
Copyright © 2012-2018 LSR
Page 8 of 46
Module
Pin
Name
MCU
Pin
Type
Description
22
P6.5
2
I/O
General-purpose digital I/O
Analog input
23
P6.6
3
I/O
General-purpose digital I/O
Analog input
24
P6.7
4
I/O
General-purpose digital I/O
Analog input
25
P7.4
5
I/O
General-purpose digital I/O
Analog input
26
VCC - 3V3DC
VCC
VCC
Supply Voltage
27
P4.7
53
I/O
General-purpose digital I/O
Timer_B7 clock input
SMCLK output
28
P4.6
52
I/O
General-purpose digital I/O
Timer_B7 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
29
P4.5
48
I/O
General-purpose digital I/O
Timer_B7 capture CCR5: CCI5A/CCI5B input, compare: Out5 output
30
P4.4
47
I/O
General-purpose digital I/O
Timer_B7 capture CCR4: CCI4A/CCI4B input, compare: Out4 output
31
P4.3
46
I/O
General-purpose digital I/O
Timer_B7 capture CCR3: CCI3A/CCI3B input, compare: Out3 output
32
P4.2
45
I/O
General-purpose digital I/O
Timer_B7 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
33
P4.1
44
I/O
General-purpose digital I/O
Timer_B7 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
34
P4.0
43
I/O
General-purpose digital I/O
Timer_B7 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
35
P3.4/UART TX
39
I/O
General-purpose digital I/O
Transmit data – USCI_A0 UART mode Slave in, master out –
USCI_A0 SPI mode
36
P3.5/UART RX
40
I/O
General-purpose digital I/O
Receive data – USCI_A0 UART mode
Slave out, master in – USCI_A0 SPI mode
37
P7.2
58
I/O
General-purpose digital I/O
Switch all PWM outputs high impedance – Timer_B
SVM output
38
P7.3
59
I/O
General-purpose digital I/O
Timer1_A3 CCR2 capture: CCI2B input, compare: Out2 output
39
P8.6
66
I/O
General-purpose digital I/O
Timer1_A3 CCR1 capture: CCI1B input, compare: Out1 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com