công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

080-0014 bảng dữ liệu(PDF) 1 Page - Laird Tech Smart Technology

tên linh kiện 080-0014
Giải thích chi tiết về linh kiện  Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0014 bảng dữ liệu(HTML) 1 Page - Laird Tech Smart Technology

  080-0014 Datasheet HTML 1Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 2Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 3Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 4Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 5Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 6Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 7Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 8Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ProFLEX01-R2 Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0098-R4.1
Copyright © 2012-2018 LSR
Page 1 of 46
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
Development Kit Available
FEATURES
• 100mW output power
• Long range: 4000 feet
• Miniature footprint: 0.9” x 1.63”
• Integrated PCB F antenna or U.FL connector
for external antenna
• Worldwide acceptance: FCC, IC and CE
• Powerful Texas Instruments 256k MSP430
with 802.15.4 MAC or ZigBee Stack
• LSR serial interface based on 802.15.4 MAC
• Low power operation
• RoHS compliant
• Streamlined development with LSR design
services.
• License options available to purchase design
or integrate design.
APPLICATIONS
• Security and Lighting Control
• HVAC Control
• Sensor Networks
• Medical
• Smart Energy
DESCRIPTION
The ProFLEX01-R2 module is a high performance
2.4GHz IEEE 802.15.4 radio (CC2520 & CC2591) and
microcontroller
(MSP430F5437A) in a
cost effective, pre-
certified footprint.
The module comes
preloaded with the TI MAC-Stack that can be used
with the LSR host serial interface.
Full debug and programming capabilities are
included to develop custom applications. Easily
load the TI ZigBee stack or MAC onto the module
and create your own network.
Need to get to market quickly? Not an expert in
802.15.4 or ZigBee? Need a custom antenna?
Would you like to own the design? Would you like
a custom design? Not quite sure what you need?
Do you need help with your host board? LSR Design
Services will be happy to develop custom hardware
or software, integrate the design, or license the
design so you can manufacture yourself. Contact us
at sales@lsr.com or call us at 262-375-4400.
ORDERING INFORMATION
Order Number
Description
450-0075
ProFLEX01-R2 Module with PCB F antenna
(Tray) SPQ = 25
450-0076
ProFLEX01-R2 Module with U.FL connector for external antenna
(Tray) SPQ = 250
450-0004
ProFLEX01-R2 Development Kit with F antenna
Table 1 Orderable ProFLEX01-R2 Model Numbers


Số phần tương tự - 080-0014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Glenair, Inc.
080-00-00-100 GLENAIR-080-00-00-100 Datasheet
236Kb / 2P
Stainless Steel Jackpost Kits Standard Hex, Rear Panel or Rear Panel PCB
080-00-00-101 GLENAIR-080-00-00-101 Datasheet
236Kb / 2P
Stainless Steel Jackpost Kits Standard Hex, Rear Panel or Rear Panel PCB
080-00-00-1XX GLENAIR-080-00-00-1XX Datasheet
236Kb / 2P
Stainless Steel Jackpost Kits Standard Hex, Rear Panel or Rear Panel PCB
080-00-00-502 GLENAIR-080-00-00-502 Datasheet
257Kb / 1P
Stainless Steel Jackscrew Kits
080-00-00-503 GLENAIR-080-00-00-503 Datasheet
257Kb / 1P
Stainless Steel Jackscrew Kits
More results

Mô tả tương tự - 080-0014

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420 TI-CC2420 Datasheet
1Mb / 92P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com