công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

080-0014 bảng dữ liệu(PDF) 7 Page - Laird Tech Smart Technology

tên linh kiện 080-0014
Giải thích chi tiết về linh kiện  Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

080-0014 bảng dữ liệu(HTML) 7 Page - Laird Tech Smart Technology

Back Button 080-0014 Datasheet HTML 3Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 4Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 5Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 6Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 7Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 8Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 9Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 10Page - Laird Tech Smart Technology 080-0014 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
ProFLEX01-R2 Transceiver Module
Datasheet
The information in this document is subject to change without notice.
330-0098-R4.1
Copyright © 2012-2018 LSR
Page 7 of 46
Module
Pin
Name
MCU
Pin
Type
Description
1
GND
N/A
GND
Ground
2
GND
N/A
GND
Ground
3
GND
N/A
GND
Ground
4
NC
N/A
NC
No Connect
5
NC
N/A
NC
No Connect
6
NC
N/A
NC
No Connect
7
NC
N/A
NC
No Connect
8
NC
N/A
NC
No Connect
9
JTAG TMS
74
I/O
General-purpose digital I/O
Test mode select
10
JTAG TDI
73
I/O
General-purpose digital I/O
Test data input or test clock input
11
JTAG TCK
75
I/O
General-purpose digital I/O
Test clock
12
JTAG TDO
72
I/O
General-purpose digital I/O
Test data output port
13
TEST
71
I
Test mode pin – select digital I/O on JTAG pins
Spy-bi-wire input clock
14
nRESET
76
I/O
Reset input active low
Non-maskable interrupt input
Spy-bi-wire data input/output
15
P5.0
9
I/O
General-purpose digital I/O
Output of reference voltage to the ADC
Input for an external reference voltage to the ADC
16
P5.1
10
I/O
General-purpose digital I/O
Negative terminal for the ADC's reference voltage for both sources,
the internal reference voltage, or an external applied reference
voltage
17
P6.0
77
I/O
General-purpose digital I/O
Analog input
18
P6.1
78
I/O
General-purpose digital I/O
Analog input
19
P6.2
79
I/O
General-purpose digital I/O
Analog input
20
P6.3
80
I/O
General-purpose digital I/O
Analog input
21
P6.4
1
I/O
General-purpose digital I/O
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com