công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS5461A bảng dữ liệu(PDF) 32 Page - Cirrus Logic

tên linh kiện CS5461A
Giải thích chi tiết về linh kiện  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A bảng dữ liệu(HTML) 32 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 28Page - Cirrus Logic CS5461A Datasheet HTML 29Page - Cirrus Logic CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic CS5461A Datasheet HTML 32Page - Cirrus Logic CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic CS5461A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
CS5461A
32
DS661F1
6.19 Temperature Gain Register ( TGain )
Address: 29
Default = 0x34E2E7 = 26.443169
Sets the temperature channel gain. Temperature gain (TGain) is utilized to convert from one temperature scale
to another. The Celsius scale (oC) is the default. Values are represented in unsigned notation and in the range
of 0
≤ TGain < 128, with the binary point to the right of the seventh MSB.
6.20 Temperature Offset Register ( Toff )
Address: 30
Default = 0xF3E7D0 = -0.094488
Temperature offset (Toff) is used to remove the temperature channel’s offset at the zero degree reading. Values
are represented in two's complement notation and in the range of -1.0
≤ Toff < 1.0, with the binary point to the
right of the MSB.
6.21 Apparent Power Register ( S )
Address: 31
Apparent power (S) is the product of the VRMS and IRMS. The value is represented in unsigned binary notation
and in the range of 0.0
≤ S < 1.0, with the binary point to the left of the MSB.
MSB
LSB
26
25
24
23
22
21
20
2-1
.....
2-11
2-12
2-13
2-14
2-15
2-16
2-17
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41