| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5461A bảng dữ liệu(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5461A bảng dữ liệu(HTML) 31 Page - Cirrus Logic |
|
31 / 41 page ![]() CS5461A DS661F1 31 6.18 Control Register Register Address: 28 Default = 0x000000 FAC Determines if anti-creep is enabled for pulse output E3. 0 = Disable anti-creep (default) 1 = Enabled anti-creep EAC Determines if anti-creep is enabled for pulse output E1 and/or E2. 0 = Disable anti-creep (default) 1 = Enabled anti-creep STOP Terminates the auto-boot sequence. 0 = Normal (default) 1 = Stop sequence MECH Mechanical Counter Format, E1 or E2 becomes active low pulses with an output frequency pro- portional to the active power 0 = Normal (default) or Stepper Motor Format 1 = Mechanical Counter Format, also ALT = 0 INTOD Converts INT output pin to an open drain output. 0 = Normal (default) 1 = Open drain NOCPU Saves power by disabling the CPUCLK pin. 0 = Normal (default) 1 = Disables CPUCLK NOOSC Saves power by disabling the crystal oscillator. 0 = Normal (default) 1 = Oscillator circuit disabled STEP Stepper Motor Format, E1 and E2 becomes active low pulses with an output frequency propor- tional to the active power 0 = Normal Format (default) 1 = Stepper Motor Format, also MECH = 0 and ALT = 0 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 FAC EAC STOP 7 654 32 10 MECH INTOD NOCPU NOOSC STEP |