công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PBSS4360PAS bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện PBSS4360PAS
Giải thích chi tiết về linh kiện  60 V, 3 A NPN low VCEsat (BISS) transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS4360PAS bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  PBSS4360PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PBSS4360PAS
60 V, 3 A NPN low VCEsat (BISS) transistor
16 October 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
NPN low VCEsat Breakthrough in a Small Signal (BISS) transistor, encapsulated in an
ultra thin DFN2020D-3 (SOT1061D) leadless small Surface-Mounted Device (SMD)
plastic package with medium power capability and visible and soldarable side pads.
PNP complement: PBSS5360PAS
2. Features and benefits
• Low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• High collector current gain (hFE) at high IC
• High efficiency due to less heat generation
• High temperature applications up to 175 °C
• Reduced Printed-Circuit Board (PCB) area requirements
• Leadless small SMD plastic package with soldarable side pads
• Exposed heat sink for excellent thermal and electrical conductivity
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• AEC-Q101 qualified
3. Applications
• Loadswitch
• Battery-driven devices
• Power management
• Charging circuits
• Power switches (e.g. motors, fans)
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
60
V
IC
collector current
-
-
3
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
6
A
RCEsat
collector-emitter
saturation resistance
IC = 3 A; IB = 300 mA; pulsed;
tp ≤ 300 µs; δ ≤ 0.02; Tamb = 25 °C
-
73
108
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com