công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PBSS4360PAS bảng dữ liệu(PDF) 5 Page - Nexperia B.V. All rights reserved

tên linh kiện PBSS4360PAS
Giải thích chi tiết về linh kiện  60 V, 3 A NPN low VCEsat (BISS) transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBSS4360PAS bảng dữ liệu(HTML) 5 Page - Nexperia B.V. All rights reserved

  PBSS4360PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PBSS4360PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NXP Semiconductors
PBSS4360PAS
60 V, 3 A NPN low VCEsat (BISS) transistor
PBSS4360PAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
16 October 2015
4 / 18
Tamb (°C)
-75
225
125
25
aaa-013298
1
2
3
Ptot
(W)
0
(1) + (2)
(3)
(6)
(4) + (5)
(1) Ceramic PCB, single-sided copper, standard footprint
(2) FR4 PCB, 4-layer copper, 1 cm2
(3) FR4 PCB, single-sided copper, 6 cm2
(4) FR4 PCB, single-sided copper, 1 cm2
(5) FR4 PCB, 4-layer copper, standard footprint
(6) FR4 PCB, single-sided copper, standard footprint
Fig. 1. Power derating curves
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
250
K/W
[2][3]
-
-
125
K/W
[4]
-
-
100
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[5][6]
-
-
60
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[4] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[5] Device mounted on a ceramic PCB, Al2O3, standard footprint.
[6] Device mounted on a FR4 PCB, 4-layer copper, tin-plated and mounting pad for collector 1 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com