công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSMN7R0-40LS bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện PSMN7R0-40LS
Giải thích chi tiết về linh kiện  N-channel DFN3333-8 40 V 7.0 m廓 standard level MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN7R0-40LS bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  PSMN7R0-40LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN7R0-40LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PSMN7R0-40LS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
2 of 14
NXP Semiconductors
PSMN7R0-40LS
N-channel DFN3333-8 40 V 7.0 m
Ω standard level MOSFET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT873-1 (DFN3333-8)
2S
source
3S
source
4
G
gate
5,6,7,8
D
drain
mb
D
mounting base; connected to drain
1 234
8 765
Transparent
top view
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN7R0-40LS
DFN3333-8
plastic thermal enhanced very thin small outline package; no
leads; 8 terminals
SOT873-1
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
40
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 150 °C; RGS =20 kΩ
-40
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tmb = 100 °C; see Figure 1
-40
A
VGS =10V; Tmb = 25 °C; see Figure 1
-40
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb =25°C;
see Figure 3
-
280
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
-65
W
Tstg
storage temperature
-55
150
°C
Tj
junction temperature
-55
150
°C
Tsld(M)
peak soldering temperature
-
260
°C
Source-drain diode
IS
source current
Tmb =25°C
-
40
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
280
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25 °C; ID =40A;
Vsup ≤ 40 V; unclamped; RGS =50 Ω
-64
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com