công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LS1022A bảng dữ liệu(PDF) 37 Page - Freescale Semiconductor, Inc

tên linh kiện LS1022A
Giải thích chi tiết về linh kiện  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1022A bảng dữ liệu(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button LS1022A Datasheet HTML 33Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 34Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 35Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 36Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 37Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 38Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1022A Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-22
Freescale Semiconductor
2.16
SDHC interface
The LS1021A / LS1020A SDHC interface supports a large variety of devices, both in terms of width as
well as the ability to use special signals to accelerate data transfer:
•
MMC cards, 1x, 4x or 8x wide, 3.3 V only
•
Legacy MMC cards: 1x, 4x or 8x wide, 3.3 V only
•
SDHC card, 1x or 4x wide, 3.3 V only
To handle all these options, TWR-LS1021A systems feature a full-size connector which a variety of
adapter cards install.
NOTE
SDHC_WP and SDHC_CD_N are multiplexed with I2C2 signals, so
default they are not supported.
Figure 2-16 shows the overall connections of the SDHC portion
Figure 2-16. SDHC architecture
Table 2-15. SPI configuration
Configuration
Signal
Controls
Value
Description
cfg_spi2_lcd
SW: SW3[6]
0
LCD/LPUART
1
SPI2
REG: 0x0A
0
SPI2
1
LPUART1
cfg_ifc_spi1
SW: SW2[7]
0
SPI1
1
IFC (or I2C3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com