công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSMS3F3CY1602 bảng dữ liệu(PDF) 28 Page - Eaton All Rights Reserved.

tên linh kiện CSMS3F3CY1602
Giải thích chi tiết về linh kiện  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EATON [Eaton All Rights Reserved.]
Trang chủ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 bảng dữ liệu(HTML) 28 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 24Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 25Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 26Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 27Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 28Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 29Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 30Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 31Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 32Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-27
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.3
Inductive Proximity Sensors
E57PS Performance Short Body Sensors
Wiring Diagrams
Pin numbers are for reference, rely on pin location when wiring.
E57PS Performance Short Body Sensors
Dimensions
Approximate Dimensions in Inches (mm)
E57PS Performance Short Body Sensors—Cable Models
12 mm
18 mm
30 mm
Operating
Voltage
Output
Cable Models
Micro-Connector Models
(Face View Male Shown)
Three-Wire Sensors
10–48 Vdc
NO
(NPN)
NO
(PNP)
NC
(NPN)
NC
(PNP)
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
BU
BN
(–)
+V
BK
Load
(–)
+V
Load
BU
BN
(_)
+V
BK
Load
(–)
+V
Load
A
B
Sensing
Face
C
D
C
A
B
D
Sensing
Face
A
B
C
D
Sensing
Face
Size
Shielding
Overall Length
A
Threaded Length
B
Cap Height
C
Thread Size
D
Three-Wire DC Sensors
12 mm
Shielded
1.61 (40.9)
1.07 (27.2)
—
M12 x 1
Unshielded
1.61 (40.9)
0.89 (22.7)
0.20 (5.0)
M12 x 1
18 mm
Shielded
1.77 (44.9)
1.17 (29.8)
—
M18 x 1
Unshielded
1.77 (44.9)
0.92 (23.3)
0.28 (7.0)
M18 x 1
30 mm
Shielded
1.84 (46.6)
1.15 (29.3)
—
M30 x 1.5
Unshielded
1.84 (46.6)
0.66 (16.8)
0.51 (13.0)
M30 x 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com